| Zakładka z wyszukiwarką danych komponentów |
|
AM5728 Arkusz danych(PDF) 96 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Arkusz danych(HTML) 96 Page - Texas Instruments |
|
96 / 415 page ![]() Copyright © 2015–2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 96 AM5729, AM5728, AM5726 SPRS953F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Table 4-3. Multiplexing Characteristics (continued) ADDRESS REGISTER NAME BALL NUMBER MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0]) 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 P27 ddr2_a8 AC23 ddr1_d8 F22 porz L25 ddr2_d26 AG16 hdmi1_cloc kx R28 ddr2_a2 AA26 ddr1_d29 AD25 ddr1_d15 0x1400 CTRL_CORE_PAD _GPMC_AD0 M6 gpmc_ad0 vin3a_d0 vout3_d0 gpio1_6 sysboot0 0x1404 CTRL_CORE_PAD _GPMC_AD1 M2 gpmc_ad1 vin3a_d1 vout3_d1 gpio1_7 sysboot1 0x1408 CTRL_CORE_PAD _GPMC_AD2 L5 gpmc_ad2 vin3a_d2 vout3_d2 gpio1_8 sysboot2 0x140C CTRL_CORE_PAD _GPMC_AD3 M1 gpmc_ad3 vin3a_d3 vout3_d3 gpio1_9 sysboot3 0x1410 CTRL_CORE_PAD _GPMC_AD4 L6 gpmc_ad4 vin3a_d4 vout3_d4 gpio1_10 sysboot4 0x1414 CTRL_CORE_PAD _GPMC_AD5 L4 gpmc_ad5 vin3a_d5 vout3_d5 gpio1_11 sysboot5 0x1418 CTRL_CORE_PAD _GPMC_AD6 L3 gpmc_ad6 vin3a_d6 vout3_d6 gpio1_12 sysboot6 0x141C CTRL_CORE_PAD _GPMC_AD7 L2 gpmc_ad7 vin3a_d7 vout3_d7 gpio1_13 sysboot7 0x1420 CTRL_CORE_PAD _GPMC_AD8 L1 gpmc_ad8 vin3a_d8 vout3_d8 gpio7_18 sysboot8 0x1424 CTRL_CORE_PAD _GPMC_AD9 K2 gpmc_ad9 vin3a_d9 vout3_d9 gpio7_19 sysboot9 0x1428 CTRL_CORE_PAD _GPMC_AD10 J1 gpmc_ad10 vin3a_d10 vout3_d10 gpio7_28 sysboot10 0x142C CTRL_CORE_PAD _GPMC_AD11 J2 gpmc_ad11 vin3a_d11 vout3_d11 gpio7_29 sysboot11 0x1430 CTRL_CORE_PAD _GPMC_AD12 H1 gpmc_ad12 vin3a_d12 vout3_d12 gpio1_18 sysboot12 0x1434 CTRL_CORE_PAD _GPMC_AD13 J3 gpmc_ad13 vin3a_d13 vout3_d13 gpio1_19 sysboot13 0x1438 CTRL_CORE_PAD _GPMC_AD14 H2 gpmc_ad14 vin3a_d14 vout3_d14 gpio1_20 sysboot14 0x143C CTRL_CORE_PAD _GPMC_AD15 H3 gpmc_ad15 vin3a_d15 vout3_d15 gpio1_21 sysboot15 0x1440 CTRL_CORE_PAD _GPMC_A0 R6 gpmc_a0 vin3a_d16 vout3_d16 vin4a_d0 vin4b_d0 i2c4_scl uart5_rxd gpio7_3 Driver off 0x1444 CTRL_CORE_PAD _GPMC_A1 T9 gpmc_a1 vin3a_d17 vout3_d17 vin4a_d1 vin4b_d1 i2c4_sda uart5_txd gpio7_4 Driver off |