Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GD25LE05C Arkusz danych(PDF) 43 Page - GigaDevice Semiconductor (Beijing) Inc.

Numer części GD25LE05C
Szczegółowy opis  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Strona internetowa  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Arkusz danych(HTML) 43 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
43
Figure33. Read Security Registers command Sequence Diagram
7.32 Enable Reset (66H) and Reset (99H)
If the Reset command is accepted, any on-going internal operation will be terminated and the device will return to its default
power-on state and lose all the current volatile settings, such as Volatile Status Register bits, Write Enable Latch status
(WEL), Program/Erase Suspend status, Read Parameter setting (P7-P0), Deep Power Down Mode, Continuous Read Mode
bit setting (M7-M0) and Wrap Bit Setting (W6-W4).
The “Enable Reset (66H)” and the “Reset (99H)” commands can be issued in either SPI mode. The “Reset (99H)” command
sequence as follow: CS# goes low  Sending Enable Reset command  CS# goes high  CS# goes low  Sending
Reset command  CS# goes high. Once the Reset command is accepted by the device, the device will take approximately
tRST/tRST_E to reset. During this period, no command will be accepted. Data corruption may happen if there is an on-going or
suspended internal Erase or Program operation when Reset command sequence is accepted by the device. It is
recommended to check the BUSY bit and the SUS bit in Status Register before issuing the Reset command sequence.
Figure34. Enable Reset and Reset command Sequence Diagram
Command
0
1
2
3
4
5
6
7
66H
CS#
SCLK
SI
SO
High-Z
Command
0
1
2
3
4
5
6
7
99H
Command
0
1
2
3
4
5
6
7
48H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com