| Zakładka z wyszukiwarką danych komponentów |
|
GD25LE64CSIS Arkusz danych(PDF) 78 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE64CSIS Arkusz danych(HTML) 78 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
78 / 79 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE64C 78 11. REVISION HISTORY Version No Description Page Date 1.0 Initial Release All 2017-7-24 1.1 Modify tw max. value from 40ms to 45ms Modify Input Pause Voltage from “0.2VCC to 0.8VCC” to “0.1VCC to 0.8VCC ” Modify Input Timing Reference Voltage from “0.3VCC to 0.7VCC” to “0.2VCC to 0.7VCC” Add Icc8 in DC CHARACTERISTICS, of which the max. value is 20mA Delete tRST_R and tRST_P Add tRST, of which the max. value is 30us Modify the “note” in the description of WSON8 (6x5) and USON8 (4x4) packages P59 P57 P57 P58 P59 P59 P65-66 2017-9-28 1.2 Modify tVSL min value from 5ms to 1.8ms Modify Icc2 max value form 5uA to 8uA Add fc2, of which the max value is 104MHz Update the description of all packages P56 P58 P59 P63-67 2018-4-9 1.3 Modify Icc3 typ. value @120MHz from 15mA to 13mA Modify Icc3 typ. value @80MHz from 13mA to 11mA P58 P58 2018-6-14 1.4 Add 4BH command Modify the sequence diagram of 42H command Add AC/DC parameters @-40~105℃ Add AC/DC parameters @-40~125℃ P45 P47 P61, 65, 66 P62, 67, 68 2018-9-3 1.5 Add tCLQV (CL = 15pF), of which the max value is 6ns P63, 65, 66 2018-10-29 1.6 Add the package of WLCSP (4x2 functional ball array) P77 2019-2-3 |