| Zakładka z wyszukiwarką danych komponentów |
|
GD25LE256DFJS Arkusz danych(PDF) 72 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE256DFJS Arkusz danych(HTML) 72 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
72 / 83 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE256D 72 (T= -40℃~125℃, VCC=1.65~2.0V) Symbol Parameter Test Condition Min. Typ. Max. Unit. ILI Input Leakage Current ±4 μA ILO Output Leakage Current ±4 μA ICC1 Standby Current CS#=VCC, VIN=VCC or VSS 70 240 μA ICC2 Deep Power-Down Current CS#=VCC, VIN=VCC or VSS 0.4 80 μA ICC3 Operating Current (Read) CLK=0.1VCC / 0.9VCC at 104MHz, Q=Open(*1,*2,*4 I/O) 12 20 mA CLK=0.1VCC / 0.9VCC at 80MHz, Q=Open(*1,*2,*4 I/O) 10 18 mA ICC4 Operating Current (PP) CS#=VCC 25 mA ICC5 Operating Current (WRSR) CS#=VCC 25 mA ICC6 Operating Current (SE) CS#=VCC 25 mA ICC7 Operating Current (BE) CS#=VCC 25 mA ICC8 Operating Current (CE) CS#=VCC 25 mA VIL Input Low Voltage -0.5 0.2VCC V VIH Input High Voltage 0.7VCC VCC+0.4 V VOL Output Low Voltage IOL =100 μA 0.2 V VOH Output High Voltage IOH =- 100μA VCC-0.2 V Note: 1. Typical values given for TA=25°C. 2. Value guaranteed by design and/or characterization, not 100% tested in production. |