| Zakładka z wyszukiwarką danych komponentów |
|
GD25LE128DLEGR Arkusz danych(PDF) 77 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE128DLEGR Arkusz danych(HTML) 77 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
77 / 78 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE128D 77 11. REVISION HISTORY Version No Description Page Date 1.0 Initial Release All Mar.10,2017 1.1 Modify Deep Power-Down Current:0.1~1uA change to 0.2~1uA Add Package WLCSP P61 P70 Mar.16,2017 1.2 Update Connection diagram P5 May.17,2017 1.3 Update Connection diagram Update Package WLCSP P5 P70 May.19,2017 1.4 Modify Icc2 max. value from 1 to 5 Modify WLCSP Package P61 P70 Jul. 25, 2017 1.5 Modify VWI from 1.4V to 1.5V Input Pause Voltage from “0.2VCC to 0.8VCC” to “0.1VCC to 0.8VCC ” Input Timing Reference Voltage from “0.3VCC to 0.7VCC” to “0.2VCC to 0.7VCC” Modify Icc2 max value from 5uA to 8uA Update the description of the SOP8, VSOP8 and WSON8 packages P58 P59 P59 P60 P65-68 Dec.26, 2017 1.6 Modify tVSL min. value from 5ms to 2.5ms Modify the typ. value of Icc3: @120MHz from 15mA to 12mA, @80MHz from 13mA to 10mA Add tRS, of which the min value is 100us Modify tPP typ. value from 0.7ms to 0.5ms Modify tSE from 90-500ms to 70ms-400ms Modify tBE1 typ. value from 0.3s to 0.16s Modify tBE2 typ. value from 0.5s to 0.3s Modify tCE from 100-200s to 50-120s P58 P60 P61 P61 P61 P61 P61 P61 Jun. 11, 2018 1.7 Add 4BH command Modify the sequence diagram of 42H command Add AC/DC parameters @-40℃~105℃ Add AC/DC parameters @-40℃~125℃ P46 P48 P62, 65 P63, 66 Aug.27, 2018 1.8 Add tCLQV (CL = 15pF), of which the max value is 6ns P64, 66, 67 Oct, 29, 2018 |