| Zakładka z wyszukiwarką danych komponentów |
|
SH7269 Arkusz danych(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7269 Arkusz danych(HTML) 11 Page - Renesas Technology Corp |
|
11 / 26 page ![]() SH7268/SH7269 Group Transmission/Reception of Renesas SPDIF Interface R01AN1188EJ0100 Rev.1.00 Page 11 of 23 Jul. 27, 2012 6.7 Function Specifications The following tables list the sample code function specifications. main Outline Main processing Header io_rspdif.h Declaration void main(void) Description Initializes RSPDIF transmitter module and receiver module to start operation. Continues RSPDIF transmission and reception. Arguments None Return Value None io_init_rspdif Outline Initialization of the RSPDIF Header io_rspdif.h Declaration void io_init_rspdif (void) Description Initializes transmitter module and receiver module. Arguments None Return Value None io_spdout_start Outline Starting of the RSPDIF transmission Header io_rspdif.h Declaration void io_spdout_start(void) Description Writes data to transmitter module and allows the DMA transfer to start the SPDIF transmission. Arguments None Return Value None io_spdin_start Outline Starting of the RSPDIF reception Header io_rspdif.h Declaration void io_spdin_start(void) Description Allows receiver module DMA transfer to start the SPDIF reception. Arguments None Return Value None |