Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RF2003 Arkusz danych(PDF) 2 Page - REYCONNS CHINA LIMITED

Numer części RF2003
Szczegółowy opis  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  REYCONNS [REYCONNS CHINA LIMITED]
Strona internetowa  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF2003 Arkusz danych(HTML) 2 Page - REYCONNS CHINA LIMITED

  RF2003 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF2003 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF2003 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF2003 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF2003 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REYCONNS
SAW Filter
RF2003
REYCONNS CHINA LIMITED
www.reyconns.com
Performance
Maximum Rating
Item
Value
Unit
DC Voltage
VDC
3
V
Operation Temperature
T
-40 ~ +85
℃
Storage Temperature
Tstg
-55 ~ +125
℃
RF Power Dissipation
P
15
dBm
Electronic Characteristics
Test Temperature: 25℃±2℃
Terminating source impedance: 50Ω
Terminating load impedance: 50Ω
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fc
245.00
MHz
Insertion Loss(min)
IL
1.1
1.5
dB
Insertion Loss
243.00 - 247.00 MHz
IL
1.5
2.5
dB
Amplitude Ripple (p-p)
243.00 - 247.00 MHz
△
ɑ
0.8
1.2
dB
Group Delay Ripple
243.00 - 247.00 MHz
GDR
75.0
150.0
ns
3 dB Bandwidth
BW3dB
6.0
7.5
MHz
Absolute Attenuation
ɑ
DC - 220.00 MHz
50.0
55.0
dB
250.00 -450.00 MHz
50.0
55.0
dB
450.00 -1000.00 MHz
50.0
55.0
dB
1000.00 -1500.00 MHz
30.0
33.0
dB
Input VSWR
243.00 - 247.00 MHz
1.7:1
2.0:1
/
Output VSWR
243.00 - 247.00 MHz
1.7:1
2.0:1
/



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com