| Zakładka z wyszukiwarką danych komponentów |
|
MT7697D Arkusz danych(PDF) 79 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697D Arkusz danych(HTML) 79 Page - List of Unclassifed Manufacturers |
|
79 / 84 page ![]() MT7697D Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 79 of 84 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. Pin Pin alias APGIO/ GPIO Name Dir Default dir Default PU/PD Description Pinx_pinmux_aon_sel Pinx_pinmux_off_sel I2C0_DATA O I2C0 DATA 4 3 GPIO_TOPOFF[28] I/O General purpose input output 0 5 GPIO_TOPAON[28] I/O General purpose input output 8 - PWM[29] O Pulse width modulation 9 - [Reserved] I/O I [Reserved] 1 - 29 GPIO29 GPIO [Reserved] O [Reserved] 0x8102_302C[23:20] - 0x8002_510C[23:20] (0x8102_302C[23:20]=0) 0 SPI_MOSI_S_CM4 I SPI slave MOSI (CM4) 6 1 SPI_MOSI_S_N9 I SPI slave MOSI (N9) - 2 SPI_MOSI_M_CM4 O SPI master MOSI 7 3 I2S_MCLK O I2S MCLK master 4 4 GPIO_TOPOFF[29] I/O General purpose input output - 5 GPIO_TOPAON[29] I/O General purpose input output 8 - PWM[30] O Pulse width modulation 9 - [Reserved] I/O I [Reserved] 1 - HOST_ACK O 2 - WIC[3] I External interrupt 3 - 27 GPIO30 GPIO [Reserved] O [Reserved] 0x8102_302C[27:24] 5 0x8002_5108[27:24] (0x8102_302C[27:24]=0) 0 SPI_MISO_S_CM4 O SPI slave MISO (CM4) 6 1 SPI_MISO_S_N9 O SPI slave MISO (N9) 0 2 SPI_MISO_M_CM4 I SPI master MISO 7 3 I2S_FS I I2S slave FS 4 4 GPIO_TOPOFF[30] I/O General purpose input output 0 5 GPIO_TOPAON[30] I/O General purpose input output 8 - PWM[31] O Pulse width modulation 9 - [Reserved] I/O I [Reserved] 1 - HOST_EINT_B I 2 - 25 GPIO31 GPIO I2S_TX O I2S TX 0x8102_302C[31:28] 5 0x8002_510C[31:28] (0x8102_302C[31:28]=0) 0 SPI_SCK_S_CM4 I SPI slave SCK (CM4) 6 1 SPI_SCK_S_N9 I SPI slave SCK (N9) - 2 SPI_SCK_M O SPI master SCK 7 3 I2S_RX I I2S slave RX 4 4 GPIO_TOPOFF[31] I/O General purpose input output - 5 GPIO_TOPAON[31] I/O General purpose input output 8 - PWM[32] O Pulse width modulation 9 - [Reserved] I/O I [Reserved] 1 - 24 GPIO32 GPIO [Reserved] O [Reserved] 0x8102_3030[3:0] 5 0x8002_5110 [3:0] (0x8102_3030[3:0]=0) 0 SPI_CS_0_S_CM4 I SPI slave CS (CM4) 6 1 SPI_CS_0_S_N9 I SPI slave CS (N9) - 2 SPI_CS_0_M O SPI master CS 7 3 I2S_BCLK I I2S BCLK slave 4 4 GPIO_TOPOFF[32] I/O General purpose input output - 5 GPIO_TOPAON[32] I/O General purpose input output 8 - PWM[33] O Pulse width modulation 9 - [Reserved] I/O I [Reserved] 1 - WIC[4] I External interrupt 3 - 57 GPIO33 AGPIO WIFI_INT_B I/O O PU External interrupt 0x8102_3030 [7:4] 0 0x8002_5110 [7:4] (0x8102_3030 [7:4]=0) 0 ALL_INT_B I/O External interrupt - 1 SWD_DIO I/O CM4 SWD debug port 6 2 IR_TX O IrDA TX 7 3 ANTSEL[5] O RF control 4 4 GPIO_TOPOFF[33] I/O General purpose input output - 5 GPIO_TOPAON[33] I/O General purpose input output 8 - PWM[34] O Pulse width modulation 9 - |