Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM79C987JC Arkusz danych(PDF) 24 Page - Advanced Micro Devices

Numer części AM79C987JC
Szczegółowy opis  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Arkusz danych(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 20Page - Advanced Micro Devices AM79C987JC Datasheet HTML 21Page - Advanced Micro Devices AM79C987JC Datasheet HTML 22Page - Advanced Micro Devices AM79C987JC Datasheet HTML 23Page - Advanced Micro Devices AM79C987JC Datasheet HTML 24Page - Advanced Micro Devices AM79C987JC Datasheet HTML 25Page - Advanced Micro Devices AM79C987JC Datasheet HTML 26Page - Advanced Micro Devices AM79C987JC Datasheet HTML 27Page - Advanced Micro Devices AM79C987JC Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
AMD
P R E L I M I N A R Y
24
Am79C987
SWITCHING TEST LOADS
CL
VTHRESHOLD
Sense Point
IOL
IOH
17305B-6
VCC
R1
CL
Device Pin
17305B-7
Pin Name
Test Circuit
R1
CL (pF)
All Outputs and I/O Pins except
RDY, INT
A
100
RDY, INT
B
400
100
Test Output Loads
A. Normal and Three-State Outputs
B. Open-Drain Outputs (RDY, INT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30