| Zakładka z wyszukiwarką danych komponentów |
|
STR730FZ2H7 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR730FZ2H7 Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 22 page ![]() STR73xF Data Brief 5/22 Buffered Serial Peripheral Interfaces (BSPI) Each of the three BSPIs allow full duplex, synchronous communications with external devices, master or slave communication at up 6 Mb/s (@36 MHz System Clock). I2C Interfaces The two I2C Interfaces provide multi-master and slave functions, support normal and fast I2C mode (400 kHz) and 7 or 10-bit addressing modes. A/D Converter The 10-bit Analog to Digital Converter, converts up to 16 channels in single-shot or continuous conversion modes (12 channels in 100-pin devices). The minimum conversion time is 3us. Watchdog The 16-bit Watchdog Timer protects the application against hardware or software failures and ensures recovery by generating a reset. I/O Ports Up to 112 I/O ports (72 in 100-pin devices) are programmable as general purpose input/ output or Alternate Function. External Interrupts and Wake-Up Lines 16 external interrupts lines are available for application use. In addition, up to 32 external Wakeup lines (18 in 100-pin devices) can be used as general purpose interrupts or to wake-up the application from STOP mode. |