Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7N65H Arkusz danych(PDF) 1 Page - KIA Semiconductor Technology

Numer części 7N65H
Szczegółowy opis  7A,650V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KIA [KIA Semiconductor Technology]
Strona internetowa  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

7N65H Arkusz danych(HTML) 1 Page - KIA Semiconductor Technology

  7N65H Datasheet HTML 1Page - KIA Semiconductor Technology 7N65H Datasheet HTML 2Page - KIA Semiconductor Technology 7N65H Datasheet HTML 3Page - KIA Semiconductor Technology 7N65H Datasheet HTML 4Page - KIA Semiconductor Technology 7N65H Datasheet HTML 5Page - KIA Semiconductor Technology 7N65H Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7A,650V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
7N65H
KIA
SEMICONDUCTORS
KIA
1.Description
The power MOSFET is produced using KIA semi
’s advanced planar stripe DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance,provide superior
switching performance,and withstand high energy pulse in the avalanche and commutation mode.These
devices are well suited for high efficiency switched mode power supplies,active power factor correction
based on half bridge topology.
2. Features
n
RDS(on)=1.2Ω @VGS=10V
n
Low gate charge (typical 29nC)
n
High ruggedness
n
Fast switching
n
100% avalanche tested
n
Improved dv/dt capability
3. Pin configuration
1 of6
Rev 1.1 SEP 2014
Pin
Function
1
Gate
2
Drain
3
Source


Podobny numer części - 7N65H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chongqing Pingwei Enter...
7N65H CHONGQING-7N65H Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
More results

Podobny opis - 7N65H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
7N65A UTC-7N65A Datasheet
283Kb / 7P
7A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD7N65 AOSMD-AOD7N65 Datasheet
393Kb / 6P
650V,7A N-Channel MOSFET
AOT7N65 AOSMD-AOT7N65 Datasheet
413Kb / 6P
650V, 7A N-Channel MOSFET
logo
E-CMOS Corporation
EC747N65 E-CMOS-EC747N65 Datasheet
579Kb / 6P
650V,7A N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7NC65CF TSC-TSM7NC65CF Datasheet
412Kb / 6P
N-Channel Power MOSFET 650V, 7A, 1.35廓
logo
Jiangsu Donghai Semicon...
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
D7NE65 WXDH-D7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
I7NE65 WXDH-I7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM07N65 AITSEMI-AM07N65 Datasheet
746Kb / 10P
MOSFET 650V, 7A N-CHANNEL
REV1.0 - JUN 2022
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com