| Zakładka z wyszukiwarką danych komponentów |
|
GD25WD40C Arkusz danych(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25WD40C Arkusz danych(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
5 / 49 page ![]() Uniform Sector Standard and Dual Serial Flash GD25WD40C/20C 5 2. GENERAL DESCRIPTION The GD25WD40C/20C (4M/2M-bit) Serial flash supports the standard Serial Peripheral Interface (SPI), and supports the Dual Output: Serial Clock, Chip Select, Serial Data I/O0 (SI), O1 (SO). The Dual Output data is transferred with maximum speed of 160Mbits/s. CONNECTION DIAGRAM CS# SO (O1) WP# VSS Top View VCC NC SCLK SI (IO0) 8–LEAD SOP/TSSOP/DIP 1 2 3 4 5 6 7 8 Top View 8–LEAD USON 1 2 3 4 5 6 7 8 CS# VSS VCC SCLK SO (O1) NC SI (IO0) WP# PIN DESCRIPTION Table 1. Pin Description for SOP/TSSOP/DIP/USON package Pin Name I/O Description CS# I Chip Select Input SO (O1) O Data Output (Data Output 1) WP# I Write Protect Input VSS Ground SI (IO0) I/O Data Input (Data Input Output 0) SCLK I Serial Clock Input NC No Connection VCC Power Supply TOP VIEW BOTTOM VIEW VSS WLCSP B1 B2 A1 A2 C1 C2 SI (IO0) SO (IO1) SCLK CS# VCC VSS B1 B2 A1 A2 C1 C2 SI (IO0) SO (IO1) SCLK CS# VCC |