| Zakładka z wyszukiwarką danych komponentów |
|
AD9929BBCZ Arkusz danych(PDF) 41 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9929BBCZ Arkusz danych(HTML) 41 Page - Analog Devices |
|
41 / 64 page ![]() AD9929 Rev. A | Page 41 of 64 Register Name Bit Width Register Type Reference Counter Range (Pixels) Description XV2SPAT_TOG1 13 Control (Address 0x21) ST 0–8192 XV2SPAT Toggle Position #1 (Mode_B Active) XV2SPAT_TOG2 13 Control (Address 0x22) ST 0–8192 XV2SPAT Toggle Position #2 (Mode_B Active) XV2SPAT_TOG3 13 Mode_B_Reg(5) ST 0–8192 XV2SPAT Toggle Position #3 (Mode_B Active) XV2SPAT_TOG4 13 Mode_B_Reg(5) ST 0–8192 XV2SPAT Toggle Position #4 (Mode_B Active) XV3SPAT_TOG1 13 Control (Address 0x23) ST 0–8192 XV3SPAT Toggle Position #1 (Mode_B Active) XV3SPAT_TOG2 13 Control (Address 0x24) ST 0–8192 XV3SPAT Toggle Position #2 (Mode_B Active) XV3SPAT_TOG3 13 Mode_B_Reg(5) ST 0–8192 XV3SPAT Toggle Position #3 (Mode_B Active) XV3SPAT_TOG4 13 Mode_B_Reg(5) ST 0–8192 XV3SPAT Toggle Position #4 (Mode_B Active) XV4SPAT_TOG1 13 Control (Address 0x25) ST 0–8192 XV4SPAT Toggle Position #1 (Mode_B Active) XV4SPAT_TOG2 13 Control (Address 0x26) ST 0–8192 XV4SPAT Toggle Position #2 (Mode_B Active) XV4SPAT_TOG3 13 Mode_B_Reg(5) ST 0–8192 XV4SPAT Toggle Position #3 (Mode_B Active) XV4SPAT_TOG4 13 Mode_B_Reg(5) ST 0–8192 XV4SPAT Toggle Position #4 (Mode_B Active) Table 27. SPATLOCIC Register (Address 0x0A) SPATLOGIC[3:0] SPAT Description 3 2 1 0 XV4 XV3 XV2 XV1 0 = OR, 1 = AND |