Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DF1504S Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części DF1504S
Szczegółowy opis  Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF1504S Arkusz danych(HTML) 3 Page - Vishay Siliconix

  DF1504S Datasheet HTML 1Page - Vishay Siliconix DF1504S Datasheet HTML 2Page - Vishay Siliconix DF1504S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DF15005S thru DF1510S
Document Number 88570
09-Dec-04
Vishay Semiconductors
www.vishay.com
3
Package outline dimensions in inches (millimeters)
Figure 3. Typical Forward Characteristics Per Leg
Figure 4. Typical Reverse Leakage Characteristics Per Leg
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
TJ =25 °C
Pulse width = 300
µs
1% Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (V)
TJ = 125 °C
TJ =50 °C
Figure 5. Typical Junction Capacitance Per Leg
Figure 6. Typical Transient Thermal Impedance
1
10
100
1
10
100
Reverse Voltage (V)
TJ =25 °C
f = 1.0 MHz
Vsig = 50mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
t, Heating Time (sec.)
gy
0.255 (6.5)
0.245 (6.2)
0.013 (0.330)
0.009 (0.241)
0.060 (1.524)
0.040 (1.016)
0.404 (10.3)
0.013 (0.330)
0.003 (0.076)
0.047 (1.20)
0.040 (1.02)
0.205 (5.2)
0.195 (5.0)
0.335 (8.51)
0.320 (8.13)
0.130 (3.3)
0.120 (3.05)
45o
0.386 (9.80)
0.404 Max.
(10.26 Max.)
0.205 (5.2)
0.195 (5.0)
0.047 Min.
(1.20 Min.)
0.060 Min.
(1.52 Min.)



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com