| Zakładka z wyszukiwarką danych komponentów |
|
DVAB2805DFES Arkusz danych(PDF) 13 Page - VPT, Inc. |
|
|
|||||||||||||||||||||||||||||
DVAB2805DFES Arkusz danych(HTML) 13 Page - VPT, Inc. |
|
13 / 14 page ![]() DVAB2800D Series DVAB2800D-3.0 13 SMD (STANDARD MICROCIRCUIT DRAWING) NUMBERS Standard Microcircuit Drawing (SMD) DVAB2800D Series Similar Part Number 5962-1423201HXC 5962-1423201HXA 5962-1423201HYC 5962-1423201HYA 5962-1423201KXC 5962-1423201KXA 5962-1423201KYC 5962-1423201KYA DVAB2805D/H DVAB2805D/H-E DVAB2805DF/H DVAB2805DF/H-E DVAB2805D/K DVAB2805D/K-E DVAB2805DF/K DVAB2805DF/K-E 5962-1423202HXC 5962-1423202HXA 5962-1423202HYC 5962-1423202HYA 5962-1423202KXC 5962-1423202KXA 5962-1423202KYC 5962-1423202KYA DVAB2812D/H DVAB2812D/H-E DVAB2812DF/H DVAB2812DF/H-E DVAB2812D/K DVAB2812D/K-E DVAB2812DF/K DVAB2812DF/K-E 5962-1423203HXC 5962-1423203HXA 5962-1423203HYC 5962-1423203HYA 5962-1423203KXC 5962-1423203KXA 5962-1423203KYC 5962-1423203KYA DVAB2815D/H DVAB2815D/H-E DVAB2815DF/H DVAB2815DF/H-E DVAB2815D/K DVAB2815D/K-E DVAB2815DF/K DVAB2815DF/K-E Do not use the DVAB2800D Series similar part number for SMD product acquisition. It is listed for reference only. For exact specifications for the SMD product, refer to the SMD drawing. SMDs can be downloaded from the DLA Land and Maritime (Previously known as DSCC) website at https://landandmaritimeapps.dla.mil/programs/defaultapps.asp. The SMD number listed above represents the Federal Stock Class, Device Type, Device Class Designator, Case Outline, Lead Finish and RHA Designator (where applicable). Please reference the SMD for other screening levels, lead finishes, and radiation levels. All SMD products are marked with a “Q” on the cover as specified by the QML certification mark requirement of MIL-PRF-38534. |