Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DVST2800T Arkusz danych(PDF) 9 Page - VPT, Inc.

Numer części DVST2800T
Szczegółowy opis  HIGH RELIABILITY DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VPT [VPT, Inc.]
Strona internetowa  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVST2800T Arkusz danych(HTML) 9 Page - VPT, Inc.

Back Button DVST2800T Datasheet HTML 5Page - VPT, Inc. DVST2800T Datasheet HTML 6Page - VPT, Inc. DVST2800T Datasheet HTML 7Page - VPT, Inc. DVST2800T Datasheet HTML 8Page - VPT, Inc. DVST2800T Datasheet HTML 9Page - VPT, Inc. DVST2800T Datasheet HTML 10Page - VPT, Inc. DVST2800T Datasheet HTML 11Page - VPT, Inc. DVST2800T Datasheet HTML 12Page - VPT, Inc. DVST2800T Datasheet HTML 13Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DVST2800T Series
DVST2800T-2.0
9
EMI PERFORMANCE CURVES
(TCASE = +25°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
Figure 10
MIL-STD-461C CE03 Conducted Emissions
Figure 11
MIL-STD-461D CE102 Conducted Emissions
ENVIRONMENTAL QUALIFICATION
Description
MIL-STD-883
MIL-STD-202
Test Condition
Temperature Cycling
1010
102A
-55°C to +100°C, 100 cycles
Constant Acceleration
2001
212A
500g, 1min.
Mechanical Shock
2002 Cond. A
213B Cond. D
500g, 1ms
Random Vibration
2026 Cond. D
214A Cond. D
11.6G RMS, operating
Moisture Resistance
1004
106F
10 days
Barometric Pressure
1001 Cond. D
105C Cond. C
70,000 ft, operating
Salt Atmosphere
1009 Cond. B
101D Cond. B
48 hrs.
Resistance to Solvents
2015
215J
Solderability
2003
208H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com