Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VPTF10-28 Arkusz danych(PDF) 6 Page - VPT, Inc.

Numer części VPTF10-28
Szczegółowy opis  HIGH RELIABILITY COTS DC-DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VPT [VPT, Inc.]
Strona internetowa  https://www.vptpower.com/
Logo VPT - VPT, Inc.

VPTF10-28 Arkusz danych(HTML) 6 Page - VPT, Inc.

Back Button VPTF10-28 Datasheet HTML 2Page - VPT, Inc. VPTF10-28 Datasheet HTML 3Page - VPT, Inc. VPTF10-28 Datasheet HTML 4Page - VPT, Inc. VPTF10-28 Datasheet HTML 5Page - VPT, Inc. VPTF10-28 Datasheet HTML 6Page - VPT, Inc. VPTF10-28 Datasheet HTML 7Page - VPT, Inc. VPTF10-28 Datasheet HTML 8Page - VPT, Inc. VPTF10-28 Datasheet HTML 9Page - VPT, Inc. VPTF10-28 Datasheet HTML 10Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
VPTF10-28 SERIES DATASHEET
6.0
SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com
6
4.0 PERFORMANCE CURVES (CONTINUED)
Tcase = 25 °C, Vin = +28 V ± 5%, Full Load, Unless Otherwise Specified
4.1.5 Three VPT30-2800S without VPTF10-28 EMI Filter
4.1.6 Three VPT30-2800S with VPT10-28 EMI Filter
4.1.7 Three VPT30-2800S without VPTF10-28 EMI Filter
4.1.8 Three VPT30-2800S with VPTF10-28 EMI Filter
4.1.9
One VPT100-2800S with VPTF10-28 EMI Filter1, 2, 3
4.1.10
Three VPT30-2800S with VPTF10-28 EMI Filter1, 2
1.
Minimum 0.47 uF 500 V capacitor required as shown in Section 2.2
2.
Tcase = 25 °C, Vin = +24 V ± 5%, Full Load
3.
Limit lines shown are average limit
1.
Tcase = 25 °C, Vin = +24 V ± 5%, Full Load
2.
Limit lines shown are average limit



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com