Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KPHB-1608ZGSURKC-GX Arkusz danych(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numer części KPHB-1608ZGSURKC-GX
Szczegółowy opis  1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Strona internetowa  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KPHB-1608ZGSURKC-GX Arkusz danych(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KPHB-1608ZGSURKC-GX Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KPHB-1608ZGSURKC-GX Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KPHB-1608ZGSURKC-GX Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KPHB-1608ZGSURKC-GX Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAK7343 / 1203011134 Rev No: V.11A Date: 12/05/2018
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
KPHB-1608ZGSURKC-GX
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Green
Hyper Red
515
645
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Green
Hyper Red
525
630
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Green
Hyper Red
30
28
-
nm
Capacitance
C
Green
Hyper Red
45
35
-
pF
Forward Voltage IF = 20mA
VF
[2]
Green
Hyper Red
3.3
1.95
4.1
2.5
V
Reverse Current (VR = 5V)
IR
Green
Hyper Red
-
50
10
µA
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Parameter
Symbol
Value
Unit
Green
Hyper Red
Power Dissipation
PD
102.5
75
mW
Reverse Voltage
VR
5
5
V
Junction Temperature
Tj
115
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
25
30
mA
Peak Forward Current
IFM
[1]
150
185
mA
Electrostatic Discharge Threshold (HBM)
-
450
3000
V
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
Kingbright



Html Pages

1 2 3 4