| Zakładka z wyszukiwarką danych komponentów |
|
ACT88326VA Arkusz danych(PDF) 7 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT88326VA Arkusz danych(HTML) 7 Page - Active-Semi, Inc |
|
7 / 41 page ![]() ACT88326VA Rev 1.0, 29-May-2018 Innovative PowerTM www.active-semi.com ActiveSwitcherTM is a trademark of Active-Semi. Copyright © 2018 Active-Semi, Inc 7 ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT All Pins to PGND12 unless stated otherwise below -0.3 to 6 V VIN_xx to PGND12 -0.3 to 6 V SW_Bx to PGND12 -0.3 to VIN_xx + 1 V nPB to AGND -0.3 to AVIN + 0.3 V GPIOx to AGND -0.3V to VIN_IO + 0.3 V FB_Bx to PGND -0.3 to VIN_xx + 0.3 V LDOx to PGND -0.3 to VIN_xx + 0.3 V AGND to PGND12 -0.3 to + 0.3 V Junction to Ambient Thermal Resistance (Note 2) 39 °C/W Junction to Case Thermal Resistance (Note 2) 6.5 °C/W Operating Junction Temperature -40 to 150 °C Storage Temperature -55 to 150 °C Note1: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. Note2: Measured on Active-Semi Evaluation Kit |