Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K4S560432E-UC Arkusz danych(PDF) 8 Page - Samsung semiconductor

Numer części K4S560432E-UC
Szczegółowy opis  256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S560432E-UC Arkusz danych(HTML) 8 Page - Samsung semiconductor

Back Button K4S560432E-UC Datasheet HTML 4Page - Samsung semiconductor K4S560432E-UC Datasheet HTML 5Page - Samsung semiconductor K4S560432E-UC Datasheet HTML 6Page - Samsung semiconductor K4S560432E-UC Datasheet HTML 7Page - Samsung semiconductor K4S560432E-UC Datasheet HTML 8Page - Samsung semiconductor K4S560432E-UC Datasheet HTML 9Page - Samsung semiconductor K4S560432E-UC Datasheet HTML 10Page - Samsung semiconductor K4S560432E-UC Datasheet HTML 11Page - Samsung semiconductor K4S560432E-UC Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SDRAM 256Mb E-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.3 August 2004
SDRAM 256Mb E-die (x4, x8, x16)
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
75
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
80
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
2
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
2
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
10
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
6
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
6
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
25
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
25
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4banks Activated.
tCCD = 2CLKs
100
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
180
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
C3
mA
3
L1.5
mA
4
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S5604(08)32E-UC
4. K4S5604(08)32E-UL
5. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
Notes :
DC CHARACTERISTICS (x4, x8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com