Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P566-003-VGA-A Arkusz danych(PDF) 1 Page - Tripp Lite. All Rights Reserved

Numer części P566-003-VGA-A
Szczegółowy opis  HDMI to VGA Audio Active Converter Cable, HDMI to Low-Profile HD15 3.5 mm (M/M), 1920 x 1200/1080p @ 60 Hz, 3 ft.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P566-003-VGA-A Arkusz danych(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P566-003-VGA-A Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P566-003-VGA-A Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P566-003-VGA-A Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HDMI to VGA + Audio Active Converter Cable,
HDMI to Low-Profile HD15 + 3.5 mm (M/M), 1920 x
1200/1080p @ 60 Hz, 3 ft.
MODEL NUMBER: P566-003-VGA-A
Converts an HDMI audio/video signal for presentation on an existing VGA monitor, projector or television
and 3.5 mm mini stereo speakers, saving you the time, effort and expense of upgrading to a new HDMI
display.
Description
The P566-003-VGA-A HDMI to VGA + Audio Active Converter Cable connects a computer, cable box,
Blu-ray™ player or other HDMI source to the VGA port on a monitor, projector or television. This allows
you to use your existing VGA display instead of investing time, effort and money into upgrading to a new
HDMI display. The low-profile HD15 connector fits neatly into tight spaces without jamming between the
monitor and wall or blocking nearby connections. An attached 3.5 mm plug allows connection of
compatible mini stereo speakers.
Ideal for displaying video on a large monitor or digital sign, this three-foot converter cable supports high-
definition video resolutions up to 1920 x 1200 at 60 Hz. No software or drivers are required. If additional
power is needed, connect a USB cable (sold separately) between the cable’s USB Micro-B port and a
USB wall charger or computer port.
Foil and braid shielding delivers reliable, error-free signal quality and protection from EMI/RFI line noise
that can distort or destroy data. The corrosion-resistant gold-plated HDMI connector and contacts provide
maximum conductivity and minimize data loss. Integral strain relief gives the cable extra flexibility, reduces
stress, and helps the cable and connectors move freely without cracking.
Features
Send High-Definition HDMI Audio/Video Signals to a VGA Display
Connects HDMI source to a VGA monitor, projector or TV
q
Ideal for displaying video on large monitor or digital sign
q
Highlights
Supports HD video resolutions
up to 1920 x 1200 @ 60 Hz
q
Gold-plated HDMI connector for
maximum conductivity
q
Foil and braid shielding for
reliable EMI/RFI line noise
protection
q
Low-profile VGA connector fits
neatly into tight spaces
q
Plug-and-play with no software
or drivers required
q
System Requirements
Computer or other source with
HDMI female connector
q
Monitor or other display with
VGA female connector
q
USB Micro-B to A cable and
USB power source (only if
additional power is needed)
q
Package Includes
P566-003-VGA-A HDMI to VGA
+ Audio Active Converter Cable,
3 ft.
q
1 / 3


Podobny numer części - P566-003-VGA-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
P566-003-VGA TRIPPLITE-P566-003-VGA Datasheet
175Kb / 3P
HDMI to VGA Active Converter Cable, HDMI to Low-Profile HD15 (M/M), 1920 x 1200/1080p @ 60 Hz, 3 ft.
More results

Podobny opis - P566-003-VGA-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
P116-006-HDMI-A TRIPPLITE-P116-006-HDMI-A Datasheet
180Kb / 3P
VGA Audio to HDMI Adapter Cable with USB Power, 1920 x 1080 (1080p) @ 60 Hz (M/M), 6 ft.
P566-003-VGA TRIPPLITE-P566-003-VGA Datasheet
175Kb / 3P
HDMI to VGA Active Converter Cable, HDMI to Low-Profile HD15 (M/M), 1920 x 1200/1080p @ 60 Hz, 3 ft.
P566-006-VGA TRIPPLITE-P566-006-VGA Datasheet
173Kb / 3P
HDMI to VGA Active Converter Cable, HDMI to Low-Profile HD15 (M/M), 1920 x 1200/1080p @ 60Hz, 6 ft.
P566-006-VGA-A TRIPPLITE-P566-006-VGA-A Datasheet
172Kb / 3P
HDMI to VGA Audio Active Converter Cable, HDMI to Low-Profile HD15 3.5 mm (M/M), 1920 x 1200/1080p @ 60 Hz, 6 ft.
P566-010-VGA TRIPPLITE-P566-010-VGA Datasheet
173Kb / 3P
HDMI to VGA Active Converter Cable, HDMI to Low-Profile HD15 (M/M), 1920 x 1200/1080p @ 60Hz, 10 ft.
P566-010-VGA-A TRIPPLITE-P566-010-VGA-A Datasheet
172Kb / 3P
HDMI to VGA Audio Active Converter Cable, HDMI to Low-Profile HD15 3.5 mm (M/M), 1920 x 1200/1080p @ 60 Hz, 10 ft.
P566-015-VGA TRIPPLITE-P566-015-VGA Datasheet
175Kb / 3P
HDMI to VGA Active Converter Cable, HDMI to Low-Profile HD15 (M/M), 1920 x 1200/1080p @ 60Hz, 15 ft.
P566-015-VGA-A TRIPPLITE-P566-015-VGA-A Datasheet
172Kb / 3P
HDMI to VGA Audio Active Converter Cable, HDMI to Low-Profile HD15 3.5 mm (M/M), 1920 x 1200/1080p @ 60Hz, 15 ft.
P131-000-A TRIPPLITE-P131-000-A Datasheet
175Kb / 2P
Compact HDMI to VGA Adapter with Audio (M/F), 1920 x 1200 (1080p) @ 60 Hz
P131-000-A-DISP TRIPPLITE-P131-000-A-DISP Datasheet
165Kb / 3P
HDMI to VGA Active Converter with Audio (F/M), 1920 x 1200 (1080p) @ 60 Hz
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com