Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3M0162 Arkusz danych(PDF) 6 Page - Pasternack Enterprises, Inc.

Numer części PE3M0162
Szczegółowy opis  Temperature Conditioned TNC Male to N Male Low Loss Cable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0162 Arkusz danych(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE3M0162 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0162 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0162 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0162 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0162 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0162 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE3M0162 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
6
How to Order
Part Number Configuration:
PE3M0162
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3M0162-12 = 12 inches long cable
PE3M0162-100cm = 100 cm long cable
Cable Assembly Length Tolerances:
Temperature Conditioned TNC Male to N Male Low Loss Cable Using PE-P142LL Coax from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Temperature Conditioned TNC Male to N Male Low Loss Cable Using PE-P142LL Coax
PE3M0162
URL: https://www.pasternack.com/temperature-conditioned-tnc-male-n-male-pe-p142ll-cable-assembly-pe3m0162-p.aspx
PE3M0162 REV 1.2
RF Cable Assemblies Technical Data Sheet
Temperature Conditioned TNC Male to N Male
Low Loss Cable Using PE-P142LL Coax
PE3M0162



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com