Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD63282EFV Arkusz danych(PDF) 1 Page - Rohm

Numer części BD63282EFV
Szczegółowy opis  Three-phase Full-wave Fan Motor Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD63282EFV Arkusz danych(HTML) 1 Page - Rohm

  BD63282EFV Datasheet HTML 1Page - Rohm BD63282EFV Datasheet HTML 2Page - Rohm BD63282EFV Datasheet HTML 3Page - Rohm BD63282EFV Datasheet HTML 4Page - Rohm BD63282EFV Datasheet HTML 5Page - Rohm BD63282EFV Datasheet HTML 6Page - Rohm BD63282EFV Datasheet HTML 7Page - Rohm BD63282EFV Datasheet HTML 8Page - Rohm BD63282EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
〇Product structure : Silicon integrated circuit 〇This product has no designed protection against radioactive rays
.
1/27
TSZ02201-0H2H0C101900-1-2
© 2018 ROHM Co., Ltd. All rights reserved.
08.Feb.2019 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
DC Brushless Fan Motor Driver Series
Three-phase Full-wave
Fan Motor Driver
BD63282EFV
General Description
BD63282EFV is a 1chip driver composed of a Power
DMOS FET motor driver. This IC implements a stable
start-up by rotor position detection with 3 hall element.
Furthermore, it introduces silent operation and low
vibration by making output current a sine-wave that
achieves.
Features
Small Package
Driver Including Power DMOS FET
3 Hall Sine Drive
Speed Controllable by DC/PWM Input
Lead Angle Control (Auto/Fixed)
Soft-Start Function
Rotation Direction Select
Rotation Speed Pulse Signal Output (FG)
Protection Function
(Under Voltage Protection Function, Lock Protection
Function (Automatic Recovery Function), High
Speed Rotation Protection Function, Low Speed
Rotation Protection Function)
Application
Fan Motors for General Consumer Equipment of
Refrigerator etc.
Key Specifications
Operating Supply Voltage Range: 5.0 V to 16.0 V
Operating Temperature Range: -40 °C to +100 °C
Output Voltage
(High Side and Low Side Voltage Total):
0.3 V(Typ) at ±0.3 A
Package
W(Typ) x D(Typ) x H(Max)
HTSSOP-B20
6.50 mm x 6.40 mm x 1.00 mm
Typical Application Circuit
HTSSOP-B20
PWM
SIG
FR
HPST
LKT
VCC
W
V
OSC
FG
GND
PWM
SS
REF
U
RNF
H3-
H3+
H2-
H2+
H1-
H1+
H3
H2
H1
REF
REF
-
+
BD63282EFV
REF
Datasheet


Podobny numer części - BD63282EFV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD63241FV ROHM-BD63241FV Datasheet
1Mb / 25P
Three-phase Full-Wave 1Hall Fan Motor Driver
BD63242EFV ROHM-BD63242EFV Datasheet
1Mb / 33P
Three-phase Full-wave Fan Motor Driver
BD6326ANUX ROHM-BD6326ANUX Datasheet
1Mb / 26P
Three-Phase Full-Wave Fan Motor Driver
BD6326NUX ROHM-BD6326NUX Datasheet
1Mb / 25P
Speed controllable by PWM input signal
More results

Podobny opis - BD63282EFV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
Rohm
BH6717NUV-E2 ROHM-BH6717NUV-E2 Datasheet
402Kb / 11P
Three-Phase Full-Wave Fan Motor Driver for Note PC
BD67173NUX ROHM-BD67173NUX Datasheet
2Mb / 30P
Three-Phase Full-Wave Fan Motor Driver
BD6346FV ROHM-BD6346FV Datasheet
1Mb / 25P
Three-phase Full-wave Fan Motor Driver
BH67172NUX ROHM-BH67172NUX Datasheet
673Kb / 20P
Three-Phase Full-Wave Fan Motor Driver
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
Three-phase Full-wave DC Brushless Fan Motor Driver
BD63441AFU ROHM-BD63441AFU Datasheet
1Mb / 23P
Multifunction Three-phase Full-wave Fan Motor Driver
BD6326ANUX ROHM-BD6326ANUX Datasheet
1Mb / 26P
Three-Phase Full-Wave Fan Motor Driver
BD63242EFV ROHM-BD63242EFV Datasheet
1Mb / 33P
Three-phase Full-wave Fan Motor Driver
BD63241FV ROHM-BD63241FV Datasheet
1Mb / 25P
Three-phase Full-Wave 1Hall Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com