Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M5F Arkusz danych(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Numer części M5F
Szczegółowy opis  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Strona internetowa  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

M5F Arkusz danych(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  M5F Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. M5F Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. M5F Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SMAF
Marking
Type number
Marking code
The recommended mounting pad size
Unit:mm(mil)
2.8(110)
1.6(63)
1.6(63)
M1
M2
M3
M4
M5
M6
M7
∠ALL ROUND
V
A
M
UNIT
mm
1.2
0.23
3.7
2.7
4.9
0.9
0.10
3.3
2.4
4.4
7°
max
min
mil
max
min
47
35.4
9.1
3.9
146
130
106
94
193
173
A
C
D
E
HE
∠
1.6
1.3
63
51
e
Bottom View
HE
g
Top View
1.3
1.0
51
39
g
g
∠ALL ROUND
D
A
E
M1 F
M2 F
M3 F
M4 F
M5 F
M6 F
M7 F
Surface Mount Standard Rectifiers
M1F~M7 F
http://www.trr-jx.com
version: 02



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com