| Zakładka z wyszukiwarką danych komponentów |
|
SMAF110C Arkusz danych(PDF) 5 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SMAF110C Arkusz danych(HTML) 5 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
5 / 5 page ![]() PACKAGE OUTLINE Plastic surface mounted package; 2 leads SMAF The recommended mounting pad size 2.2 (86) 1.6 (63) 1.6 (63) Unit : mm (mil) ∠ALL ROUND V A M UNIT mm 1.2 0.23 3.7 2.7 4.9 0.9 0.18 3.3 2.4 4.4 7° max min mil max min 47 35.4 9.1 7.1 146 130 106 94 193 173 A C D E HE ∠ 1.6 1.3 63 51 e Bottom View HE g Top View 1.3 1.0 51 39 g g ∠ALL ROUND D A E Surface mount transient voltage suppressor power 200 watts SMAF5.0A THRU SMAF220A http://www.trr-jx.com version: 02 |