| Zakładka z wyszukiwarką danych komponentów |
|
ADPD144RI Arkusz danych(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD144RI Arkusz danych(HTML) 23 Page - Analog Devices |
|
23 / 34 page ![]() Data Sheet ADPD144RI Rev. A | Page 23 of 34 REGISTER LISTING Table 13. Register Map Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Addr Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W1 0x00 Status [15:8] FIFO_SAMPLES 0x0000 RW1C [7:0] Reserved SLOTB_INT SLOTA_INT Reserved 0x01 INT_MASK [15:8] Reserved FIFO_INT_ MASK 0x00FF R/W [7:0] Reserved SLOTB_INT_ MASK SLOTA_INT_ MASK Reserved 0x02 INT_IO_CTL [15:8] Reserved 0x0000 R/W [7:0] Reserved INT_ENA INT_DRV INT_POL 0x06 FIFO_THRESH [15:8] Reserved FIFO_THRESH 0x0000 R/W [7:0] Reserved 0x08 DEVID [15:8] DEV_ID[15:8] 0x0416 R [7:0] DEV_ID[7:0] 0x0A CLK_RATIO [15:8] Reserved CLK_RATIO[11:8] 0x0000 R [7:0] CLK_RATIO[7:0] 0x10 Mode [15:8] Reserved 0x0000 R/W [7:0] Reserved Mode 0x11 SLOT_EN [15:8] Reserved RDOUT_ MODE FIFO_ OVRN_ PREVENT Reserved SLOTB_ FIFO_ MODE[8] 0x1000 R/W [7:0] SLOTB_FIFO_MODE[7:6] SLOTB_EN SLOTA_FIFO_MODE[4:2] Reserved SLOTA_EN 0x12 FSAMPLE [15:8] FSAMPLE[15:8] 0x0028 R/W [7:0] FSAMPLE[7:0] 0x14 PD_LED_SELECT [15:8] Reserved SLOTB_PD_SEL[11:8] 0x0541 R/W [7:0] SLOTA_PD_SEL[7:4] SLOTB_LED_SEL[3:2] SLOTA_LED_SEL[1:0] 0x15 NUM_AVG [15:8] Reserved SLOTB_NUM_AVG 0x0600 R/W [7:0] Reserved SLOTA_NUM_AVG Reserved 0x18 SLOTA_CH1_ OFFSET [15:8] SLOTA_CH1_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH1_OFFSET[7:0] 0x19 SLOTA_CH2_ OFFSET [15:8] SLOTA_CH2_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH2_OFFSET[7:0] 0x1A SLOTA_CH3_ OFFSET [15:8] SLOTA_CH3_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH3_OFFSET[7:0] 0x1B SLOTA_CH4_ OFFSET [15:8] SLOTA_CH4_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH4_OFFSET[7:0] 0x1E SLOTB_CH1_ OFFSET [15:8] SLOTB_CH1_OFFSET[15:8] 0x2000 R/W [7:0] SLOTB_CH1_OFFSET[7:0] 0x1F SLOTB_CH2_ OFFSET [15:8] SLOTB_CH2_OFFSET[15:8] 0x2000 R/W [7:0] SLOTB_CH2_OFFSET[7:0] 0x20 SLOTB_CH3_ OFFSET [15:8] SLOTB_CH3_OFFSET[15:8] 0x2000 R/W [7:0] SLOTB_CH3_OFFSET[7:0] 0x21 SLOTB_CH4_ OFFSET [15:8] SLOTB_CH4_OFFSET[15:8] 0x2000 RW [7:0] SLOTB_CH4_OFFSET[7:0] 0x23 ILED1_COARSE [15:8] Reserved ILED1_SCALE Reserved 0x3000 R/W [7:0] Reserved ILED1_COARSE 0x24 ILED2_COARSE [15:8] Reserved ILED2_SCALE Reserved 0x3000 R/W [7:0] Reserved ILED2_COARSE 0x25 ILED_FINE [15:8] Reserved ILED2_FINE[10:8] 0x630C R/W [7:0] ILED2_FINE[7:6] Reserved ILED1_FINE 0x30 SLOTA_ LEDMODE [15:8] SLOTA_LEDMODE[15:8] 0x0320 R/W [7:0] SLOTA_LEDMODE[7:0] 0x31 SLOTA_ NUMPULSES [15:8] SLOTA_NUMPULSES 0x0818 R/W [7:0] Reserved (write 0x13) |