| Zakładka z wyszukiwarką danych komponentów |
|
TMS320DM643 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 Arkusz danych(HTML) 1 Page - Texas Instruments |
|
1 / 160 page ![]() www.ti.com 1 TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor 1.1 Features TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 – 1024M-Byte Total Addressable External • High-Performance Digital Media Processor Memory Space – 2-, 1.67-ns Instruction Cycle Time • Enhanced Direct-Memory-Access (EDMA) – 500-, 600-MHz Clock Rate Controller (64 Independent Channels) – Eight 32-Bit Instructions/Cycle • 10/100 Mb/s Ethernet MAC (EMAC) – 4000, 4800 MIPS – IEEE 802.3 Compliant – Fully Software-Compatible With C64x™ – Media Independent Interface (MII) • VelociTI.2™ Extensions to VelociTI™ – 8 Independent Transmit (TX) Channels and Advanced Very-Long-Instruction-Word (VLIW) 1 Receive (RX) Channel TMS320C64x™ DSP Core • Management Data Input/Output (MDIO) – Eight Highly Independent Functional Units With VelociTI.2™ Extensions: • Two Configurable Video Ports (VP1, VP2) • Six ALUs (32-/40-Bit), Each Supports – Providing a Glueless I/F to Common Video Single 32-Bit, Dual 16-Bit, or Quad 8-Bit Decoder and Encoder Devices Arithmetic per Clock Cycle – Supports Multiple Resolutions/Video Stds • Two Multipliers Support Four 16 x 16-Bit • VCXO Interpolated Control Port (VIC) Multiplies (32-Bit Results) per Clock – Supports Audio/Video Synchronization Cycle or Eight 8 x 8-Bit Multiplies (16-Bit • Host-Port Interface (HPI) [32-/16-Bit] Results) per Clock Cycle – Load-Store Architecture With Non-Aligned • Multichannel Audio Serial Port (McASP) Support – Eight Serial Data Pins – 64 32-Bit General-Purpose Registers – Wide Variety of I2S and Similar Bit Stream – Instruction Packing Reduces Code Size Format – All Instructions Conditional – Integrated Digital Audio I/F Transmitter Supports S/PDIF, IEC60958-1, AES-3, • Instruction Set Features CP-430 Formats – Byte-Addressable (8-/16-/32-/64-Bit Data) • Inter-Integrated Circuit (I2C Bus™) – 8-Bit Overflow Protection • Multichannel Buffered Serial Port – Bit-Field Extract, Set, Clear – CLKS Input Not Supported – Normalization, Saturation, Bit-Counting – VelociTI.2™ Increased Orthogonality • Three 32-Bit General-Purpose Timers • L1/L2 Memory Architecture • Sixteen General-Purpose I/O (GPIO) Pins – 128K-Bit (16K-Byte) L1P Program Cache • Flexible PLL Clock Generator (Direct Mapped) • IEEE-1149.1 (JTAG) Boundary- – 128K-Bit (16K-Byte) L1D Data Cache (2-Way Scan-Compatible Set-Associative) • 548-Pin Ball Grid Array (BGA) Package – 2M-Bit (256K-Byte) L2 Unified Mapped (GDK and ZDK Suffixes), 0.8-mm Ball Pitch RAM/Cache (Flexible RAM/Cache • 548-Pin Ball Grid Array (BGA) Package Allocation) (GNZ and ZNZ Suffixes), 1.0-mm Ball Pitch • Endianess: Little Endian, Big Endian • 0.13-µm/6-Level Cu Metal Process (CMOS) • 64-Bit External Memory Interface (EMIF) • 3.3-V I/O, 1.2-V Internal (-500) – Glueless Interface to Asynchronous Memories (SRAM and EPROM) and • 3.3-V I/O, 1.4-V Internal (-600) Synchronous Memories (SDRAM, SBSRAM, ZBT SRAM, and FIFO) Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this document. Windows is a registered trademark of Microsoft Corporation. I2C Bus is a trademark of Philips Electronics N.V. All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2005–2005, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - TMS320DM643 |
|
Podobny opis - TMS320DM643 |