| Zakładka z wyszukiwarką danych komponentów |
|
BO2525LS1G509JE10 Arkusz danych(PDF) 1 Page - Chengdu Xtaltq Technologies Co.,ltd |
|
|
|||||||||||||||||||||||||||||
BO2525LS1G509JE10 Arkusz danych(HTML) 1 Page - Chengdu Xtaltq Technologies Co.,ltd |
|
1 / 2 page ![]() BO2525L Series Oven Controlled Crystal Oscillator Min. Typ. Max. – 5.0 – V – 12.0 – V – – 3.0 W – – 1.0 W MHz MHz – – ±100 ppb ±5 – ±10 ppb ±5 – ±10 ppb ±10 – ±50 ppb – – ±100 ppb Output Level 7 – – dBm Harmonics – – -35 dBc Spurious – – -70 dBc Load – 50 – Ω VOH 2.4 – – V VOL – – 0.4 V Duty Cycle 45 – 55 % Rise/Fall edge – – 6 ns Load – 15 – pf – – 5×10 -12 – – 10 Min – – ±5 – – ±5 Aging per Day – – ±0.5 Aging per Year – – ±50 -120 – – Offset 10Hz -140 – – Offset 100Hz -160 – – Offset 1kHz -165 – – Offset 10kHz -165 – – Offset 100kHz 0 – 5 V 0 – 12 V ±0.5 – ±2.0 ppm Control Voltage Range Parameter Value Unit Condition Features Applications ● Ultra Stable ● Base Stations ● Wide Temperature Range ● Instrumentations ● Fast Warming-up ● Synthesizer ● Medical Electronics BO2525L Specifications Supply Voltage Power Consumption During Warming-up Steady at +25℃ & still air Frequency Range 10 ~ 40 Nominal Frequency 10 Initial Frequency Tolerance At shipment, nominal EFC Freq. Stability Vs. Temp. -20℃ ~ +70℃ -40℃ ~ +70℃ -40℃ ~ +85℃ -55℃ ~ +85℃ Sine Wave Short-term Stability(1S) Test after 15 Min. Warm-up Time At +25℃, with accuracy of ±5ppb Supply Sensitivity ppb Vcc±5% Load Sensitivity Load±5% LVTTL LVTTL Output, Load=15pf LVTTL Output, Load=15pf ( VOH - VOL)/2 LVTTL Output, Load=15pf After 30 days of operation After 30 days of operation SSB Phase Noise @10MHz dBc/Hz @+25℃ Frequency Turning Range Tuning Slope Positive Environmental Conditions Operating Temperature Range -55℃~+85℃ Storage Temperature Range -55℃~+125℃ 1/2 Release Date: Mar.27, 2016 |
Podobny numer części - BO2525LS1G509JE10 |
|
Podobny opis - BO2525LS1G509JE10 |