| Zakładka z wyszukiwarką danych komponentów |
|
08053C103MAT2A Arkusz danych(PDF) 3 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
08053C103MAT2A Arkusz danych(HTML) 3 Page - AVX Corporation |
|
3 / 20 page ![]() 13 X7R Dielectric Capacitance Range PREFERRED SIZES ARE SHADED SIZE 0201 0402 0603 0805 1206 Soldering Reflow Only Reflow Only Reflow/Wave Reflow/Wave Reflow/Wave Packaging All Paper All Paper All Paper Paper/Embossed Paper/Embossed (L) Length MM 0.60 ± 0.03 1.00 ± 0.10 1.60 ± 0.15 2.01 ± 0.20 3.20 ± 0.20 (in.) (0.024 ± 0.001) (0.040 ± 0.004) (0.063 ± 0.006) (0.079 ± 0.008) (0.126 ± 0.008) (W) Width MM 0.30 ± 0.03 0.50 ± 0.10 0.81 ± 0.15 1.25 ± 0.20 1.60 ± 0.20 (in.) (0.011 ± 0.001) (0.020 ± 0.004) (0.032 ± 0.006) (0.049 ± 0.008) (0.063 ± 0.008) (t) Terminal MM 0.15 ± 0.05 0.25 ± 0.15 0.35 ± 0.15 0.50 ± 0.25 0.50 ± 0.25 (in.) (0.006 ± 0.002) (0.010 ± 0.006) (0.014 ± 0.006) (0.020 ± 0.010) (0.020 ± 0.010) WVDC 10 16 6.3 10 16 25 50 6.3 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 Cap 100 A A C C C C C (pF) 120 A A C C C C C 150 A A C C C C C 180 A A C C C C C G G G G G G G 220 A A C C C C C G G G G G G G 270 A A C C C C C G G G G G G G E E E E E E 330 A A C C C C C G G G G G G G E E E E E E 390 A A C C C C C G G G G G G G E E E E E E 470 A A C C C C C G G G G G G G E E E E E E 560 A A C C C C C G G G G G G G E E E E E E 680 A A C C C C C G G G G G G G E E E E E E 820 A A C C C C C G G G G G G G E E E E E E 1000 A A C C C C C G G G G G G G E E E E E E J J J J J J 1200 C C C C C G G G G G G E E E E E J J J J J J J 1500 C C C C C G G G G G G E E E E E J J J J J J J 1800 C C C C C G G G G G G E E E E E J J J J J J J 2200 C C C C C G G G G G G E E E E E J J J J J J J 2700 C C C C C G G G G G G E E E E E J J J J J J J 3300 C C C C C G G G G G G E E E E E J J J J J J J 3900 C C C C C G G G G G G E E E E E J J J J J J J 4700 C C C C C G G G G G G E E E E J J J J J J J J 5600 C C C C C G G G G G G E E E E J J J J J J J J 6800 C C C C G G G G G G E E E E J J J J J J J J 8200 C C C C G G G G G G E E E E J J J J J J J J Cap. 0.010 C C C G G G G G G E E E E J J J J J J J J (µF) 0.012 C C C G G G G G G J J J J J J J J J J J M 0.015 C C C G G G G G J J J J J J J J J J J M 0.018 C C C G G G G G J J J J J M J J J J J M 0.022 C C C G G G G G J J J J J M J J J J J M 0.027 C C G G G G G J J J J J J J J J J M 0.033 C C G G G G G J J J J M J J J J J M 0.039 C C G G G G G J J J J M J J J J J M 0.047 G G G G J J J J M J J J J J M 0.056 G G G J J J J J J J J J P 0.068 G G G J J J J J J J J J P 0.082 G G G J J J J J J J J M 0.10 G G G J J J J J J J J M 0.12 G G J J J M J J J J 0.15 G G J J J J J J J 0.18 G G J J M J J J J 0.22 G G J J M J J J J 0.27 MM J J J M 0.33 MM J J M M 0.47 NM M M M M 0.56 NM M Q 0.68 NM M Q 0.82 NM M Q 1.0 NM M Q 1.2 P 1.5 P 1.8 P 2.2 Q 3.3 4.7 10 22 47 100 WVDC 10 16 6.3 10 16 25 50 6.3 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 SIZE 0201 0402 0603 0805 1206 Contact Factory for Multiples L W T t Letter A C E G J K M N P Q X Y Z BB CC Max. 0.33 0.56 0.71 0.86 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 3.05 3.175 Thickness (0.013) (0.022) (0.028) (0.034) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) (0.120) (0.125) PAPER EMBOSSED |