| Zakładka z wyszukiwarką danych komponentów |
|
LMV242MDA Arkusz danych(PDF) 13 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMV242MDA Arkusz danych(HTML) 13 Page - National Semiconductor (TI) |
|
13 / 16 page ![]() Application Section (Continued) Extra attenuation Z between the coupler and the RF input of the LMV242 can be achieved by 2 resistors R X and RY according to Figure 3, where Z = 20 LOG (R IN /[RIN +RY]) or e.g. R Y = 300 Ω results in an attenuation of 16.9 dB. To prevent reflection back to the coupler the impedance seen by the coupler should be 50 Ω (R O). The impedance consists of R X in parallel with RY +RIN.RX can be calculated with the formula: R X =[RO *(RY +RIN)]/RY R X =50*[1+(50/RY)] e.g. with R Y = 300 Ω,R IN =50 Ω → R X =58 Ω. BASEBAND CONTROL OF THE LMV242 The LMV242 has 3 baseband-controlled inputs: • V RAMP signal (Base band DAC ramp signal) • TX_EN is a digital signal (performs the function “Shutdown/Transmit Enable”). • Band Select (BS) V RAMP Signal The actual V RAMP input value sets the RF output power. By applying a certain mask shape to the “Ramp in” pin, the output voltage level of the LMV242 is adjusting the PA control voltage to get a power level (P OUT/dBm) out of the PA, which is proportional to the single ramp voltage steps. The recommended V RAMP voltage range for RF power con- trol is 0.2V to 2.0V. The V RAMP input will tolerate voltages from 0V to V DD without malfunction or damage. The VRAMP input does not change the output level until the level reaches about 206 mV, so offset voltages in the DAC or amplifier supplying the R AMP signal will not cause excess RF signal output and increased power consumption. Transmit Enable Power consumption requirements are supported by the TX_EN function, which puts the entire chip into a power saving mode to enable maximum standby and talk time while ensuring the output does not glitch excessively during Power-up and Power-down. The device will be active in the case TX_EN = High, or otherwise go to a low power con- sumption shutdown mode. During shutdown the output is pulled low to minimize the output voltage. Band Select The LMV242 is especially suitable for PA control loops with 2 PA’s. The 2 outputs to steer the V APCS of the PA’s can be controlled with the band select pin. When the band select is LOW output2 is selected, while output1 is selected when band select is HIGH. The not-selected output is pulled low. Analog Output The output is driven by a rail-to-rail amplifier capable of both sourcing and sinking. Several curves are given in the “Typi- cal performance characteristics”-section regarding the out- put. The output voltage vs. sourcing/sinking current curves show the typical voltage drop from the rail over temperature. The sourcing/sinking current vs. output voltage characteris- tics show the typical charging/discharging current, which the output is capable of delivering at a certain voltage. The output is free from glitches when enabled by TX_EN. When TX_EN is low, the selected output voltage is fixed or near GND. FREQUENCY COMPENSATION To compensate and prevent the closed loop arrangement from oscillations and overshoots at the output of the RF detector/error amplifier of the LMV242, the system can be adjusted by means of external RC components connected between Comp1 and Comp2. Exact values heavily depend on PA characteristics. A good starting point isR=0 Ω and C = 68 pF. The vast combination of PA’s and couplers available preclude a generalized formula for choosing these components. Additional frequency compensation of the closed loop system can be achieved by adding a resistor (and if needed an inductor) between the LMV242’s output and the V APC input of the PA. Please contact National Semi- conductor for additional support. TIMING DIAGRAM In order to meet the timemask specifications for GSM, a good timing between the control signals and the RF signal is essential. According to the specifications the PA’s RF output power needs to ramp within 28 µsec with minimum over- shoot. To achieve this, the output of the PA controller should ramp at the same time as the RF signal from the Base Band. The ramp signal sets the controllers output to the required value, where the loop needs a certain time to set this output. Therefore the ramp should be set high some time before the output has to be high. How much time depends on the setup and the PA used. If the controllers shutdown functionality is used, the shutdown should be set high about 6 µsec before the ramp is set high. 20079530 FIGURE 4. Simplified PA Control Loop with Extra Attenuation www.national.com 13 |