| Zakładka z wyszukiwarką danych komponentów |
|
74AC16640DL Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74AC16640DL Arkusz danych(HTML) 1 Page - Texas Instruments |
|
1 / 6 page ![]() 54AC16640, 74AC16640 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCAS240A – JULY 1990 – REVISED APRIL 1996 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D Flow-Through Architecture Optimizes PCB Layout D Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise D EPIC™ (Enhanced-Performance Implanted CMOS) 1- µm Process D 500-mA Typical Latch-Up Immunity at 125 °C D Package Options Include Plastic 300-mil Shrink Small-Outline (DL) Packages Using 25-mil Center-to-Center Pin Spacings and 380-mil Fine-Pitch Ceramic Flat (WD) Packages Using 25-mil Center-to-Center Pin Spacings description The ’AC16640 are inverting 16-bit transceivers designed for asynchronous communication between data buses. These devices can be used as two 8-bit transceivers or one 16-bit transceiver. They allow data transmission from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (1DIR and 2DIR) inputs. The output-enable (1OE and 2OE) inputs can be used to disable the device so that the buses are effectively isolated. The 74AC16640 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and functionality of standard small-outline packages in the same printed-circuit-board area. The 54AC16640 is characterized for operation over the full military temperature range of –55 °C to 125°C. The 74AC16640 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE (each section) INPUTS OPERATION OE DIR OPERATION L L B data to A bus L HA data to B bus H X Isolation Copyright © 1996, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC and Widebus are trademarks of Texas Instruments Incorporated. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1DIR 1B1 1B2 GND 1B3 1B4 VCC 1B5 1B6 GND 1B7 1B8 2B1 2B2 GND 2B3 2B4 VCC 2B5 2B6 GND 2B7 2B8 2DIR 1OE 1A1 1A2 GND 1A3 1A4 VCC 1A5 1A6 GND 1A7 1A8 2A1 2A2 GND 2A3 2A4 VCC 2A5 2A6 GND 2A7 2A8 2OE 54AC16640 . . . WD PACKAGE 74AC16640 . . . DL PACKAGE (TOP VIEW) |
Podobny numer części - 74AC16640DL |
|
Podobny opis - 74AC16640DL |