| Zakładka z wyszukiwarką danych komponentów |
|
P0900L Arkusz danych(PDF) 4 Page - Shanghai Yint Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
P0900L Arkusz danych(HTML) 4 Page - Shanghai Yint Electronic Co., Ltd |
|
4 / 4 page ![]() Thyristor Surge Suppressors (TSS) Trustworthy electronic circuit protection expert INT PXXXL DO-15/DO-27 SERIE www.yint.com.cn Rev:19.3 4 PACKAGE OUTLINE DIMENSIONS in inches (millimeters) DO-15 / DO-27 Disclaimer Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. DO-15 LA&LB Series DIM Inches Millimeters Min. Max. Min. Max. A 0.230 0.300 5.80 7.60 B 0.104 0.140 2.60 3.60 C 0.026 0.034 0.70 0.90 D 1.000 - 25.40 - DO-27 LC Series DIM Inches Millimeters Min. Max. Min. Max. A - 0.370 - 9.50 B - 0.250 - 6.40 C 0.048 0.052 1.20 1.30 D 1.000 - 25.40 - |