| Zakładka z wyszukiwarką danych komponentów |
|
D429-R1LD-G2 Arkusz danych(PDF) 1 Page - ZF Friedrichshafen AG |
|
|
|||||||||||||||||||||||||||||
D429-R1LD-G2 Arkusz danych(HTML) 1 Page - ZF Friedrichshafen AG |
|
1 / 2 page ![]() www.cherryswitches.com Page 1 of 2, Last saved by 2015-02-26, Specifications subject to change without notice. Miniature Snap Switch Single and Double Pole D4 Series Features • Choice of standard or light operating force • Long life coil spring mechanism • RoHS compliant • Cadmium free • Various aux actuators • Various terminal types • Agency approved extended life versions available Standard Parts 1 D413-R1AA-G2 D429-R1TD-G2 D433-R1AA-G2 D443-R1LD-G2 D449-R1LL-G2 D453-R1RA-G2 D413-R1LA-G2 D429-R1AA-G2 D433-R1LD-G2 D443-R1MD-G2 D449-R1MD-G2 D453-R1RD-G2 D413-R1LD-G2 D429-R1LD-G2 D433-R1RA-G2 D443-R1RA-G2 D449-R1ML-G2 D459-R1AA-G2 D413-R1RA-G2 D429-R1LL-G2 D433-R1RD-G2 D443-R1RD-G2 D449-R1RA-G2 D459-R1LD-G2 D419-R1AA-G2 D429-R1MD-G2 D439-R1LL-G2 D449-R1AA-G2 D449-R1RD-G2 D459-R1LL-G2 D423-R1RA-G2 D429-R1ML-G2 D439-V1ML-G2 D449-R1LD-G2 D453-B8AA-G2 D459-R1ML-G2 D423-R1RD-G2 D443-R1AA-G2 D453-R1AA-G2 1The part number configuration matrix below provides details to the part numbers above. For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or your distributor. For information on crossing discontinued U.S. only part numbers, see D4 cross-reference chart at www.cherryswitches.com. Part Number Breakdown D413-R1AA-G2 (most part numbers end in –G2; see D4 cross-reference chart for exceptions) Series Contact Rating 2 Configuration 3 D4 1 0.1 A 85 OC 125 OC 150 OC 2 3 A 1 SPST – NO Standard Op. Force G SPST – NO S SPST – NO Light Op. Force 3 5 A 2 SPST – NC H SPST – NC T SPST – NC 4 10 A 3 SPDT M SPDT U SPDT 5 15 A 7 SPST – NO Light Op. Force N SPST – NO 8 21 A 8 SPST – NC P SPST – NC 9 SPDT R SPDT 2UL AC current rating; see table on reverse for complete details 3D48 only available with light operating force Terminal Type mm (inches) A1 Welding Q3 4.8 x 0.8 (0.187 x 0.032) QC, dog leg* B8 Short solder R1 4.8 x 0.5 (0.187 x 0.020) QC, straight** C1 2.8 x 0.8 (0.110 x 0.032) QC, bifurcated straight** R3 4.8 x 0.5 (0.187 x 0.020) QC, dog leg** C3 2.8 x 0.8 (0.110 x 0.032) QC, bifurcated dog leg** S1 Solder with temp stop P4 1.2 x 0.5 (0.047 x 0.020) PCB, underside* V1 6.3 x 0.8 (0.250 x 0.032) QC, straight P5 1.2 x 0.5 (0.047 x 0.020) PCB, rear* V3 6.3 x 0.8 (0.250 x 0.032) QC, dog leg PA 1.2 x 0.5 (0.047 x 0.020) PCB, housing side* W9 Screw* PB 1.2 x 0.5 (0.047 x 0.020) PCB, cover side* Y5 6.3 x 0.8 (0.250 x 0.032) QC, 5 mm grid Q1 4.8 x 0.8 (0.187 x 0.032) QC, straight* Z5 6.3 x 0.8 (0.250 x 0.032) QC, 7 mm grid *not available for D48 **not available for D45 or D48 Actuator Type mm (inches) Actuation length Actuation length AA Button N/A MA 25.7 (1.01) JA SS lever, standard ratio 21.2 (0.835) ML 74.4 (2.93) JD SS lever, standard ratio 35.6 (1.4) RA 20.6 (0.811) JL SS lever, standard ratio 69.9 (2.75) RD 34.1 (1.34) KA SS lever, high ratio 25.7 (1.01) SA 20.6 (0.811) KL SS lever, high ratio 74.4 (2.93) TA 25.1 (0.988) LA Lever, standard ratio 21.2 (0.835) TD 38.6 (1.52) LD Lever, standard ratio 35.6 (1.4) UA 25.1 (0.988) LL Lever, standard ratio 69.9 (2.75) For actuator details, see D4 actuator reference sheet at www.cherryswitches.com |
Podobny numer części - D429-R1LD-G2 |
|
Podobny opis - D429-R1LD-G2 |