| Zakładka z wyszukiwarką danych komponentów |
|
MP101303 Arkusz danych(PDF) 2 Page - ZF Friedrichshafen AG |
|
|
|||||||||||||||||||||||||||||
MP101303 Arkusz danych(HTML) 2 Page - ZF Friedrichshafen AG |
|
2 / 2 page ![]() www.cherryswitches.com Page 2 of 2, Last update 2016-01-05, Specifications subject to change without notice. *Not commonly stocked Note: An external pull-up resistor is required, the value of which is dependent on the supply voltage. The resistor should be connected between the output and Vcc. Refer to the wiring diagram for lead colors or pin numbering as applicable. Recommended External Pull-Up Resistor Volts DC 5 9 12 15 24 Ohms 1k 1.8k 2.4k 3k 3k Open Collector Sinking Block Diagram Dimensions mm (inches) Products Part Number Leads MP101301 24 AWG x 150 mm MP101302* 24 AWG x 150 mm MP101303* 24 AWG x 150 mm |