Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

20D331K Arkusz danych(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Numer części 20D331K
Szczegółowy opis  20D Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YINT [Shanghai Yint Electronic Co., Ltd]
Strona internetowa  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

20D331K Arkusz danych(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  20D331K Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 20D331K Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 20D331K Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 20D331K Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
20D series
www.yint.com.cn
Rev:19.3
1
20D Series
产品简介
压敏电阻的本体是由氧化锌颗粒组成的矩阵结构。颗粒之间的晶
界类似双向
PN 结的电气特性,当低电压时,这些晶界处于高阻
抗状态,当电压高时,又会处于击穿状态,是一种非线性器件。。
Product Profile
The body of varistor is a matrix structure composed of zinc
oxide particles. The grain boundaries between particles are
similar to the electrical characteristics of bidirectional PN
junctions. When the voltage is low, these grain boundaries are
in the high impedance state, and when the voltage is high, they
will be in the breakdown state, which is a kind of non-linear
device.
应用领域:
抑制消费类电子产品及工业用电子设备主电源所窜入的浪涌电
流。如
LED 照明、电度表、开关电源、排插等。
通讯等有线网络设备窜入的浪涌电流。
房舍装置以及瓦斯和油类设施上所装置的电子器材的浪涌保护
抑制电子线路内发生的浪涌
照相器材用于限压开关
Application
Suppresses surge current from the main power supply of
consumer electronics and industrial electronic equipment. Such
as LED lighting, watt-hour meter, switching power supply,
layout and so on.
Surge protection of electronic equipment on building
installations and gas and oil installations Suppression of
Surges in Electronic Circuits Photographic equipment for
voltage limiting switches
产品料号代码
HOW TO ORDER
产品外形
Product Shape
Bulk Straight
标准外形
Cutting Straight
切短脚
Out Forming
外弯脚
Y-Forming
Y 型脚
Cutting Bending
折脚
7
形状类
Series
D 圆片形 Disk Series
S 方片形 Square Series
包 装 方 式
Manner of
packing
T 编带包装 Braided packing
压敏电阻
Varistor Voltage
最后一位数是
0 的个数 The last digit is
the number of zeros.
180=18V
201=200V
182=1800V
瓷片直径或边长
Element Size
压敏电压允许偏差
Varistor voltage allowable
deviation
K ±10%
L ±15%
D
4
7
1
K
T


Podobny numer części - 20D331K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
20D331K ETC-20D331K Datasheet
61Kb / 5P
VARISTOR
20D331K ETC-20D331K Datasheet
71Kb / 5P
VARISTOR
logo
World Produts Inc.
20D331K WPI-20D331K Datasheet
1Mb / 65P
Metal Oxide Varistors
logo
Socay Electornics Co., ...
20D331K SOCAY-20D331K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
Ruilongyuan Electronics...
20D331K RUILON-20D331K Datasheet
769Kb / 7P
Metal Oxide Varistors
More results

Podobny opis - 20D331K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEDTRONICS, INC
L200-0IW-20D LEDTRONICS-L200-0IW-20D Datasheet
57Kb / 3P
L200-0IW-20D
L200-0WW-20D LEDTRONICS-L200-0WW-20D Datasheet
54Kb / 3P
L200-0WW-20D
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Panasonic Semiconductor
ESE20C PANASONIC-ESE20C Datasheet
73Kb / 2P
ESE20C/20D Momentary Push Switches User-friendly tactile feedback when operated
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
DB Lectro Inc
20D-1C DBLECTRO-20D-1C Datasheet
778Kb / 2P
20D FormC Series
20D-2A DBLECTRO-20D-2A Datasheet
612Kb / 2P
20D 2FormA Series
logo
Fairchild Semiconductor
AN-5241 FAIRCHILD-AN-5241 Datasheet
506Kb / 5P
Guidelines for Pb-Free Soldering of Fairchild Components Based on JEDEC J-STD 20D / IEC EN 61760-1 2006
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com