| Zakładka z wyszukiwarką danych komponentów |
|
CMPZDA36V Arkusz danych(PDF) 1 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CMPZDA36V Arkusz danych(HTML) 1 Page - Central Semiconductor Corp |
|
1 / 2 page ![]() DESCRIPTION: The CENTRAL SEMICONDUCTOR CMPZDA2V4 Series silicon dual zener diode is a high quality voltage regulator, connected in a common anode configuration, for use in industrial, commercial, entertainment and computer applications. MARKING CODE: SEE MARKING CODES ON ELECTRICAL CHARACTERISTICS TABLE CMPZDA2V4 THRU CMPZDA47V SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW SOT-23 CASE Central Semiconductor Corp. TM R6 (6-August 2003) TYPE NO. ZENER VOLTAGE VZ @ IZT TEST CURRENT MAXIMUM ZENER IMPEDANCE MAXIMUM REVERSE CURRENT MAXIMUM ZENER CURRENT MAXIMUM ZENER VOLTAGE TEMP. COEFF. MARKING CODE MIN MAX IZT ZZT @ IZT ZZK @ IZK IR @ VR IZM Θ ΘVZ VOLTS VOLTS mA Ω Ω Ω Ω mA µA VOLTS mA % / °C CMPZDA2V4 2.2 2.6 5.0 100 600 1.0 50 1.0 63 -0.06 WW3 CMPZDA2V7 2.5 2.9 5.0 100 600 1.0 20 1.0 57 -0.06 WW4 CMPZDA3V0 2.8 3.2 5.0 95 600 1.0 10 1.0 54 -0.06 WW5 CMPZDA3V3 3.1 3.5 5.0 95 600 1.0 5.0 1.0 47 -0.06 WW6 CMPZDA3V6 3.4 3.8 5.0 95 600 1.0 2.0 1.0 45 -0.06 WW7 CMPZDA3V9 3.7 4.1 5.0 90 600 1.0 2.0 1.0 43 -0.06 WW8 CMPZDA4V3 4.0 4.6 5.0 90 600 1.0 1.0 1.0 40 -0.05 WW9 CMPZDA4V7 4.4 5.0 5.0 80 500 1.0 3.0 2.0 38 -0.03 ZZ1 CMPZDA5V1 4.8 5.4 5.0 60 480 1.0 2.0 2.0 35 0.02 ZZ2 CMPZDA5V6 5.2 6.0 5.0 40 400 1.0 1.0 2.0 32 0.03 ZZ3 CMPZDA6V2 5.8 6.6 5.0 10 150 1.0 3.0 4.0 28 0.04 ZZ4 CMPZDA6V8 6.5 7.2 5.0 15 80 1.0 2.0 4.0 25 0.05 ZZ5 CMPZDA7V5 7.0 7.9 5.0 15 80 1.0 1.0 5.0 23 0.05 ZZ6 CMPZDA8V2 7.7 8.7 5.0 15 80 1.0 0.7 5.0 21 0.06 ZZ7 CMPZDA9V1 8.5 9.6 5.0 15 100 1.0 0.5 6.0 18 0.06 ZZ8 CMPZDA10V 9.4 10.6 5.0 20 150 1.0 0.2 7.0 16 0.07 ZZ9 CMPZDA11V 10.4 11.6 5.0 20 150 1.0 0.1 8.0 15 0.07 YY1 CMPZDA12V 11.4 12.7 5.0 25 150 1.0 0.1 8.0 13 0.07 YY2 CMPZDA13V 12.4 14.1 5.0 30 170 1.0 0.1 8.0 12 0.08 YY3 CMPZDA15V 13.8 15.6 5.0 30 200 1.0 0.05 10.5 11 0.08 YY4 CMPZDA16V 15.3 17.1 5.0 40 200 1.0 0.05 11.2 10 0.08 YY5 CMPZDA18V 16.8 19.1 5.0 45 225 1.0 0.05 12.6 9.2 0.08 YY6 CMPZDA20V 18.8 21.2 5.0 55 225 1.0 0.05 14.0 8.3 0.08 YY7 CMPZDA22V 20.8 23.3 5.0 55 250 1.0 0.05 15.4 7.6 0.09 YY8 MAXIMUM RATINGS: (TA=25°C) SYMBOL UNITS Power Dissipation PD 350 mW Operating and Storage Temperature TJ, Tstg -65 to +150 °C Thermal Resistance ΘJA 357 °C/W ELECTRICAL CHARACTERISTICS Per Zener: (TA=25°C) VF=0.9V MAX @ IF=10mA FOR ALL TYPES. |
Podobny numer części - CMPZDA36V |
|
Podobny opis - CMPZDA36V |