| Zakładka z wyszukiwarką danych komponentów |
|
AHE2805S/ES-SLV Arkusz danych(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AHE2805S/ES-SLV Arkusz danych(HTML) 3 Page - International Rectifier |
|
3 / 8 page ![]() www.irf.com 3 AHE28XXS Series Specifications T CASE = -55°C to +105°C, V IN = +28V ± 5% unless otherwise specified 1. Above +105 °C case temperature, derate output power linearly to 0 at 125°C case. 2. Recovery time is measured from the initiation of the transient to where V OUT has returned to within ±1% of VOUT at 50% load. See typical waveforms. 3. Turn-on delay time measurement is for either an application of power at the input or a signal at the shutdown pin. 4. For operation at 16VDC, derate output power by 33%. 5. Above +85 °C case temperature, derate maximum input voltage linearly to 33V at +125°C case. Notes to Specifications AHE2805S/ES AHE2812S/ES AHE2815S/ES Parameter Conditions -55°C ≤ Tc ≤ +105°C Vin = 28 Vdc ±5%,CL = 0 Unless otherwise specified Min Typ Max Min Typ Max Min Typ Max Units Static Characteristic OUTPUT Voltage Current Ripple Accuracy Power 1 V IN=17 to 40 VDC I OUT=0 to Full Load Full Load, DC to 1MHz T CASE = 25°C, IOUT = 0 4.90 0.0 4.95 15 5.00 20 5.00 5.10 3000 60 5.05 11.76 0.0 11.88 20 12.00 30 12.00 12.24 1667 60 12.12 14.70 0.0 14.85 20 15.00 30 15.00 15.30 1333 60 15.15 VDC mADC mVp-p VDC W REGULATION Line Load V IN = 17 to 40 VDC I OUT = 0 to Full Load ±0.5 ±0.5 ±1.0 ±1.0 ±0.5 ±0.5 ±1.0 ±1.0 ±0.5 ±0.5 ±1.0 ±1.0 % % INPUT Voltage Range 4 Current Ripple Current Inhibited No Load Full Load 17.0 28.0 8 20 40.0 18 35 50 17.0 28.0 8 25 40.0 18 35 50 17.0 28.0 8 25 40.0 18 35 50 VDC mADC mADC mV p-p Efficiency T CASE = +25°C Half load to Full load 78 82 79 83 80 84 % Capacitive Load No effect on performance 500 200 200 µF Load fault power dissipation 4 6 6 6 W Isolation Input to Output @ 500Vdc 100 100 100 M Ω Dynamic Characteristic Step Load Changes Output Transient 50% Load 100% Load No Load 50% Load ±150 -300 ±200 -400 ±200 -400 mVpk mVpk 50% Load No Load +300 +400 +400 mVpk Recovery 2 50% Load 100% Load No Load 50% Load 50% Load No Load 25 500 7 25 500 7 25 500 7 µsec µsec msec Step Line Changes Output Transient Recovery 2 Input step 17 to 40VDC Input step 40 to 17VDC Input step 17 to 40VDC Input step 40 to 17VDC +180 -600 400 400 +180 -600 400 400 +180 -600 400 400 mVpk mVpk µsec µsec TURN –ON Overshoot Delay 3 V IN = 17 to 40VDC I OUT = 0 to Full Load 0 8 500 14 300 8 600 14 300 8 750 14 mVpk msec Load Fault Recovery 4 V IN = 17 to 40VDC 8 14 8 14 8 14 msec Weight Standard Package Flange Package 60 65 60 65 60 65 grams grams n Input Voltage 5 -0.5V to 50V Power Output Internally limited, 17.5W typical for AHE2805S/ES, 22.5W typical for AHE2812S/ES and AHE2815S/ES Soldering 300°C for 10 seconds Temperature Range 1 Operating -55°C to +125°C case Storage -65°C to +135°C ABSOLUTE MAXIMUM RATINGS |