| Zakładka z wyszukiwarką danych komponentów |
|
DM54LS450 Arkusz danych(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM54LS450 Arkusz danych(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLL8338 PRELIMINARY July 1989 DM54LS450DM74LS450 161 Multiplexer General Description The 161 Mux selects one of sixteen inputs E0 through E15 specified by four binary select inputs A B C and D The true data is output on Y and the inverted data on W Propa- gation delays are the same for both inputs and addresses and are specified for 50 pF loading Outputs conform to the standard 8 mA LS totem pole drive standard FeaturesBenefits Y 24-pin SKINNYDIP saves space Y Similar to 74150 (Fat DIP) Y Low current PNP inputs reduce loading Connection Diagram Top View TLL8338 – 1 Order Number DM54LS450J DM74LS450J DM74LS450N or DM74LS450V See NS Package Number J24F N24C or V28A Standard Test Load TLL8338 – 2 Function Table Input Output Select DC BA W Y LLLL E0 E0 LLL H E1 E1 LL H L E2 E2 LL H H E3 E3 LHL L E4 E4 LHLH E5 E5 LH HL E6 E6 LH H H E7 E7 HL L L E8 E8 HL LH E9 E9 HLHLE10 E10 HLH H E11 E11 H H L L E12 E12 H H L H E13 E13 HHH L E14 E14 HHHHE15 E15 C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Podobny numer części - DM54LS450 |
|
Podobny opis - DM54LS450 |