Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WW08P Arkusz danych(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Numer części WW08P
Szczegółowy opis  High Power Low Ohmic Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW08P Arkusz danych(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WW08P Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW08P Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW08P Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW08P Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW08P Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW08P Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW08P Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_WW08-06P_V08
Jul.2010
QUICK REFERENCE DATA
Item
General Specification
Series No.
WW08P
WW06P
Size code
0805 (2012)
0603(1608)
Resistance Tolerance
±1%, ±5%
Resistance Range
0.047 ~0.976 (E96+E24 series)
TCR (ppm/
°C) -55°C ~ +155°C
0.047 ~0.091
0.100 ~0.976
≤ ± 200 ppm/°C
≤ ± 150 ppm/°C
≤ ± 250 ppm/°C
≤ ± 200 ppm/°C
Max. dissipation at Tamb=70
°C
1/3 W
1/4 W
Max. Operation Voltage (DC or RMS)
150V
50V
Max. Overload Voltage (DC or RMS)
300V
100V
Climatic category (IEC 60068)
55/155/56
Basic specification
JIS C 5201-1:1998 / IEC 60068-2-58:2004
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS(unit : mm)
Part No
WW08P
WW06P
L
2.00
± 0.10
1.60
± 0.10
W
1.25
± 0.10
0.80
± 0.10
T
0.50
± 0.15
0.45
± 0.15
Tb
0.40
± 0.20
0.30
± 0.15
Tt
0.40
± 0.20
0.30
± 0.10
MARKING
Each resistor is marked with a three-digit(WW06P ±1%;±5%) or four-digit(WW08P ±1%;±5%) code on the
protective coating to designate the nominal resistance value.
* Remark:0603 resistor value from 0.1
to 0.976
E48/E96 series use 2 significant digits followed by
letter.(Example R560 = R56 ; R402= 59Z)
** Remark:0603 resistor value from 0.047
to 0.091
use the last Two-digits followed by “M” equals “m”, means
1/1000(Example R047 = 47M ; R050= 50M)
Rated Resistance
Resistance
Code
0805
Code
0603
Resistance
Code
0805
Code
0603
Resistance
Code
0805
Code
0603
Resistance
Code
0805
Code
0603
47m
R047
47M
56m
R056
56M
68m
R068
68M
82m
R082
82M
50m
R050
50M
60m
R060
60M
70m
R070
70M
85m
R085
85M
51m
R051
51M
62m
R062
62M
75m
R075
75M
90m
R090
90M
55m
R055
55M
65m
R065
65M
80m
R080
80M
91m
R091
91M



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com