| Zakładka z wyszukiwarką danych komponentów |
|
LP2951CDM Arkusz danych(PDF) 15 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LP2951CDM Arkusz danych(HTML) 15 Page - ON Semiconductor |
|
15 / 16 page ![]() LP2950 http://onsemi.com 15 PACKAGE DIMENSIONS N SUFFIX PLASTIC PACKAGE CASE 626–05 ISSUE K D SUFFIX (SO–8) PLASTIC PACKAGE CASE 751–05 ISSUE R NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. MIN MIN MAX MAX MILLIMETERS INCHES DIM 9.40 6.10 3.94 0.38 1.02 0.76 0.20 2.92 – 0.76 10.16 6.60 4.45 0.51 1.78 1.27 0.30 3.43 0.370 0.240 0.155 0.015 0.040 0.030 0.008 0.115 – 0.030 0.400 0.260 0.175 0.020 0.070 0.050 0.012 0.135 10 ° 1.01 2.54 BSC 7.62 BSC 0.100 BSC 0.300 BSC A B C D F G H J K L M N 10 ° 0.040 F H G D N C K M J L NOTE 2 1 4 5 8 T 0.13 (0.005) AB M M M –A– –B– –T– SEATING PLANE SEATING PLANE 1 4 5 8 A 0.25 M CB SS 0.25 M B M h q C X 45 _ L DIM MIN MAX MILLIMETERS A 1.35 1.75 A1 0.10 0.25 B 0.35 0.49 C 0.18 0.25 D 4.80 5.00 E 1.27 BSC e 3.80 4.00 H 5.80 6.20 h 0 7 L 0.40 1.25 q 0.25 0.50 _ _ NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. D E H A B e B A1 C A 0.10 |