| Zakładka z wyszukiwarką danych komponentów |
|
CSC2073 Arkusz danych(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CSC2073 Arkusz danych(HTML) 2 Page - Continental Device India Limited |
|
2 / 3 page ![]() Continental Device India Limited Data Sheet Page 2 of 3 Collector current IC max. 1.5 A Base current IB max. 0.5 A Total power dissipation up to TC = 25°C Ptot max. 25 W Total power dissipation up to TA = 25°C Ptot max. 1.5 W Junction temperature Tj max. 150 ºC Storage temperature Tstg –65 to +150 ºC CHARACTERISTICS Tamb = 25°C unless otherwise specified Collector cutoff current IE = 0; VCB = 120 V ICBO max. 10 µA Emitter cut-off current IC = 0; VEB = 5 V IEBO max. 10 µA Breakdown voltages IC = 1 mA; IB = 0 VCEO min. 150 V IC = 1 mA; IE = 0 VCBO min. 150 V IE = 1 mA; IC = 0 VEBO min. 5.0 V Saturation voltages IC = 500 mA; IB = 50 mA VCEsat max. 1.5 V Base emitter on voltage IC = 500 mA; VCE = 10 V VBE(on) min. 0.65 V max. 0.85 V D.C. current gain IC = 500 mA; VCE = 10 V hFE min. 40 max. 140 Output capacitance at f = 1 MHz IE = 0; VCB = 10 V NPN Co typ. 35 pF PNP typ. 55 pF Transition frequency IC = 500 mA; VCE = 10 V fT typ. 4 MHz CSA940, CSC2073 |