Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MA102 Arkusz danych(PDF) 10 Page - Monolithic Power Systems

Numer części MA102
Szczegółowy opis  Rotary Knob Kit for the MagAlpha
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA102 Arkusz danych(HTML) 10 Page - Monolithic Power Systems

Back Button MA102 Datasheet HTML 3Page - Monolithic Power Systems MA102 Datasheet HTML 4Page - Monolithic Power Systems MA102 Datasheet HTML 5Page - Monolithic Power Systems MA102 Datasheet HTML 6Page - Monolithic Power Systems MA102 Datasheet HTML 7Page - Monolithic Power Systems MA102 Datasheet HTML 8Page - Monolithic Power Systems MA102 Datasheet HTML 9Page - Monolithic Power Systems MA102 Datasheet HTML 10Page - Monolithic Power Systems MA102 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB
www.MonolithicPower.com
10
12/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The EVMA nominal magnet sensor distance is 1.5mm, providing a magnetic field of 75mT. With the
spacers, the field strength is reduced to 50mT or 25mT (see Table 7).
Table 7: Setting of the Air Gap
Spacer Thickness (mm)
Air Gap (mm)
Magnetic Field (mT)
None
1.5
75
0.7
2.2
50
2
3.5
25
Figure 15: Air Gap Setting
MAGNET SUPPLIERS
The table below shows a non-exhaustive list of possible magnet suppliers. The magnetization direction
must be chosen wisely given the fact that most magnets sold are often axially magnetized, which is not
a magnetization direction usually required in magnetic angle sensing applications. Angle sensing
applications usually use diametrically magnetized magnets.
Table 8: Magnet Suppliers
Company
Website
Address
Maurer Magnetics AG
www.maurermagnetic.ch
Industriestrasse 8
8627 Grüningen
Switzerland
Arnold Technologies AG
www.arnoldmagnetics.com
Hübelacherstrasse 15
5242 Birr-Lupfig
Switzerland
Bomatec AG
www.bomatec.com
Hofstrasse 1
8181 Höri
Switzerland
Dexter Magnetic Technologies
www.dextermag.com
1050 Morse Avenue
Elk Grove Village, IL 60007-5110
USA
JPMF
www.jpmf.com.cn
8 LongWan Road
Jiangmen City
GuangDong Province
China
Binicmagnet
www.binicmagnet.com
Unit 612 Yuanzhong Building
No. 1905 Hongmei Road
Shanghai
P. R. China 200233
China Rare Earth Magnet
www.permanentmagnet.com
Room 705, Tower A Century Holiday Plaza
9030 Shennan Rd
Nanshan District
Shenzhen
China
Goudsmit Magnetic Systems
www.goudsmit-magnetics.nl
Petunialaan 19
5582 HA Waalre
Netherland
dd



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com