| Zakładka z wyszukiwarką danych komponentów |
|
MN101C73D Arkusz danych(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
MN101C73D Arkusz danych(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 5 page ![]() MN101C73A , MN101C73D Timer Counter (Continue) Timer counter 7 : 16-bit × 1 (square-wave output, 16-bit PWM output (cycle / duty continuous variable), event count, synchronous output event, pulse width measurement, input capture, real time output control, high performance IGBT output (Cycle/Duty can be changed constantly)) (square-wave/PWM output to large current terminal P52 possible) Clock source ····················· 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency Interrupt source ················· coincidence with compare register 7 (2 lines), input capture register Timer counter 8: 16 bit × 1 (square-wave/16-bit PWM output [duty continuous variable], event count, pulse width measurement, input capture) (square-wave/PWM output to large current terminal P53 possible) Clock source ····················· 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency Interrupt source ················· coincidence with compare register 8 (2 lines), input capture register Timer counters 7, 8 can be cascade-connected. (square-wave output, PWM is possible as a 32-bit timer.) Time base timer (one-minute count setting) Clock source ····················· 1/1 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency Interrupt source ················· 1/128, 1/256, 1/512, 1/1024, 1/4096, 1/8192, 1/16384, 1/32768, of clock source frequency Watchdog timer Interrupt source ················· 1/65536, 1/262144, 1/1048576 of system clock frequency Serial Interface Serial 0 : synchronous type/UART (full-duplex) × 1 Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 1 or 2; 1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency, external clock Serial 1 : synchronous type/UART (full-duplex) × 1 Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 1 or 2; 1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency, external clock Serial 3 : synchronous type/single-master I2C × 1 Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 2 or 3; 1/2, 1/4, 1/16, 1/32 of OSC oscillation clock frequency, external clock I/O Pins 55 • Common use • Specified pull-up resistor available • Input/output selectable (bit unit) I/O A/D Inputs 10-bit × 12-ch. (with S/H) LCD 32 segments × 4 commons (static, 1/2, 1/3, or 1/4 duty) Usable if VLCD ≤ VDD LCD power shunt resistance contained Special Ports Buzzer output, remote control carrier signal output, high-current drive port See the next page for pin assignment and support tool. MAD00047BEM ROM Correction Correcting address designation : up to 3 addresses possible |