Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST24E64EB3TR Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części ST24E64EB3TR
Szczegółowy opis  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24E64EB3TR Arkusz danych(HTML) 1 Page - STMicroelectronics

  ST24E64EB3TR Datasheet HTML 1Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 2Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 3Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 4Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 5Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 6Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 7Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 8Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AI01204B
3
E0-E2
SDA
VCC
ST24E64
ST25E64
WC
SCL
VSS
Figure 1. Logic Diagram
E0 - E2
Chip Enable Inputs
SDA
Serial Data Address Input/Output
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
ST24E64
ST25E64
SERIAL EXTENDED ADDRESSING COMPATIBLE
WITH I2C BUS 64K (8K x 8) EEPROM
PRELIMINARY DATA
November 1996
1/16
This is preliminary information on a new product now in development or undergoing evaluatio n. Details are subject to change without notice.
COMPATIBLE with I2C EXTENDED
ADDRESSING
TWO WIRE SERIAL INTERFACE,
SUPPORTS 400kHz PROTOCOL
1 MILLION ERASE/WRITE CYCLES, OVER
the FULL SUPPLY VOLTAGE RANGE
40 YEARS DATA RETENTION
SINGLE SUPPLY VOLTAGE
– 4.5V to 5.5V for ST24E64 version
– 2.5V to 5.5V for ST25E64 version
WRITE CONTROL FEATURE
BYTE and PAGE WRITE (up to 32 BYTES)
BYTE, RANDOM and SEQUENTIAL READ
MODES
SELF TIMED PROGRAMING CYCLE
AUTOMATIC ADDRESS INCREMENTING
ENHANCED ESD/LATCH UP
PERFORMANCES
DESCRIPTION
The ST24/25E64 are 64K bit electrically erasable
programmable memories (EEPROM), organized
as 8 blocks of 1024 x 8 bits. The ST25E64 operates
with a power supply value as low as 2.5V. Both
Plastic Dual-in-Line and Plastic Small Outline pack-
ages are available.
8
1
SO8 (M)
200mil Width
8
1
PSDIP8 (B)
0.25mm Frame


Podobny numer części - ST24E64EB3TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
16 Kbit Serial I2C EEPROM with Extended Addressing
Feb-1999
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32B1TR STMICROELECTRONICS-ST24E32B1TR Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32B3TR STMICROELECTRONICS-ST24E32B3TR Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32B6TR STMICROELECTRONICS-ST24E32B6TR Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
More results

Podobny opis - ST24E64EB3TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
16 Kbit Serial I2C EEPROM with Extended Addressing
Feb-1999
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
I2C BUS compatible serial EEPROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
64K (8K x 8) CMOS EEPROM
1996
logo
STMicroelectronics
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
64K I2C??Serial EEPROM
07/28/03
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16