Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D10UPFPQ Arkusz danych(PDF) 2 Page - Banner Engineering Corp.

Numer części D10UPFPQ
Szczegółowy opis  Analog and Discrete Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BANNER [Banner Engineering Corp.]
Strona internetowa  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10UPFPQ Arkusz danych(HTML) 2 Page - Banner Engineering Corp.

  D10UPFPQ Datasheet HTML 1Page - Banner Engineering Corp. D10UPFPQ Datasheet HTML 2Page - Banner Engineering Corp. D10UPFPQ Datasheet HTML 3Page - Banner Engineering Corp. D10UPFPQ Datasheet HTML 4Page - Banner Engineering Corp. D10UPFPQ Datasheet HTML 5Page - Banner Engineering Corp. D10UPFPQ Datasheet HTML 6Page - Banner Engineering Corp. D10UPFPQ Datasheet HTML 7Page - Banner Engineering Corp. D10UPFPQ Datasheet HTML 8Page - Banner Engineering Corp. D10UPFPQ Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Overview
The D10 Expert Sensor is a high-performance plastic fiber-optic sensor whose many
configuration (TEACH-mode) options make it suitable for demanding applications. Even
with all its features, it is extremely easy to use. Advanced 16-bit microcontroller
technology makes this possible.
The D10 Expert provides high-performance sensing in low-contrast applications. Expert
TEACH and setup options provide static, dynamic and single-point programming plus
manual fine adjustment, remote programming and push button lockout. Its slender,
stylized housing has a large digital display visible beneath a clear cover for easy
programming and status monitoring during operation. The sensor mounts directly to
standard 35 mm DIN rail or using the supplied mounting bracket.
The sensor features two outputs with independent setpoints: one of two analog choices,
depending on model, and one discrete (NPN or PNP, also depending on model). Built-in
crosstalk avoidance protocol provides trouble-free operation for multiple sensors in one
area.
For emitter and receiver port locations, see Installation on page 13
dynamic
static
Output
Indicators
Output Select
Indicators
4-Digit
Display
Light/Dark
Operate, Clock
and Lock Icons
Programming
Push Buttons
Figure 1. D10 Features
Programming Options
Light/Dark Operate Selection
Toggle to select the condition for which each output will conduct: when the target is present or when the target is absent.
OFF-Delay Timing Selection
Programmable OFF-delay pulse stretcher: 0, 2, 5, 10, 15, 20, 30, 40, 60, 80, or 100 ms
Analog Outputs: OFF-delay acts as a smoothing function
Display Selection
Discrete Output: Raw signal value or % excess signal
Analog Output: Raw signal value or analog value (0 to 10V dc or 4 to 20 mA)
Power Level/Speed Selection
Super High-Speed (SHS)
High-Speed (HS)
High-Power (HP)
Super High-Power (SHP)
Response*
50 μs
200 μs
1 ms
2.5 ms
Repeatability
25 μs
50 μs
75 μs
100 μs
Max Range*
Fiber
Red 680 nm
Green 525 nm
Red 680 nm
Green 525 nm
Red 680 nm
Green 525 nm
Red 680 nm
Green 525 nm
PIT16U
20 mm
9 mm
30 mm
9 mm
55 mm
13 mm
90 mm
16 mm
PIT26U
100 mm
40 mm
150 mm
40 mm
250 mm
55 mm
400 mm
70 mm
PIT46U
300 mm
100 mm
550 mm
100 mm
1000 mm
160 mm
1200 mm
180 mm
PIT66U
600 mm
180 mm
1000 mm
180 mm
1700 mm
280 mm
2400 mm
320 mm
PBT16U
6 mm
**
10 mm
**
18 mm
3 mm
30 mm
3.5 mm
PBT26U
30 mm
12 mm
50 mm
12 mm
100 mm
20 mm
150 mm
25 mm
PBT46U
100 mm
30 mm
175 mm
30 mm
250 mm
42 mm
300 mm
60 mm
PBT66U
175 mm
55 mm
250 mm
55 mm
400 mm
80 mm
475 mm
100 mm
Tracking Feature
Sets Output 2 to identical settings as Output 1; Output 2 settings can then be revised as desired (see Advanced Setup on page 11).
Factory Default Settings
The following settings are preset at the factory; revert sensor to factory defaults using Advanced Setup procedure ( Advanced Setup on page 11).
•
Light operate (LO)
•
No OFF-delay (t 0)
•
Raw signal value (1234)
•
Output 1 displayed
•
High Speed (HS); 200 μs response
•
Maximum power setting
•
Analog: full scale
•
Discrete: switchpoint positioned at
middle of range
* Diffuse mode performance based on 90% reflectance white test card.
** ø0.010" bifurcated fiber not recommended in these speed settings. Contact Banner Applications for more information.
Sensor Programming
Programming Procedures: Two push buttons, Dynamic (+) and Static (-), may be used to access and set programming parameters. For
remote programming, connect a switch or digital input to the gray wire; length of the individual pulses is equal to the value T:
0.04 seconds ≤ T ≤ 0.8 seconds
D10 Expert™ - Analog and Discrete Outputs
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 65448 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com