| Zakładka z wyszukiwarką danych komponentów |
|
WLS28-2..570S Arkusz danych(PDF) 3 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
WLS28-2..570S Arkusz danych(HTML) 3 Page - Banner Engineering Corp. |
|
3 / 11 page ![]() LED Lifetime Lumen Maintenance = L70 When operating within specifications, output will decrease less than 30% after 75,000 hours. Push Button II = 100% light intensity I = 50% light intensity 0 = Off Models with Motion Detection Light turns off after approximately 60 seconds without detecting motion Range: 12 meters; ± 45° field of view Standby current: 170 µA Construction Clear anodized aluminum housing; painted zinc end caps; polycarbonate window on clear and diffuse plastic models; acrylic window on L25 models; zinc plated steel brackets Mounting (2) swivel brackets SMBWLS28RA included and (4) screws Certifications D Sealed models only Application Note When connecting cascadable lights in series at 100% intensity, it is important not to exceed maximum current limitations: Maximum length of light at 12 V dc: 1.4 m (4.6 ft) Maximum length of light at 24 V dc: 3.0 m (9.8 ft) Maximum length of light at 30 V dc: 3.1 m (10.2 ft) At 50% intensity, double the lengths. Note: Do not spray cable with high-pressure sprayer, or cable damage will result. Table 3: Typical Current Light Length Typical Current Max. Current Lumens 1 (Typical @25 °C) 12 V dc 24 V dc 30 V dc A Cool White Warm White Green Red Yellow Blue 145 mm 0.33 A 0.15 A 0.12 A 0.4 400 400 180 55 50 40 285 mm 0.66 A 0.30 A 0.24 A 0.8 800 800 360 110 100 80 430 mm 1.01 A 0.46 A 0.36 A 1.2 1200 1200 540 165 150 120 570 mm 1.36 A 0.61 A 0.48 A 1.6 1600 1600 720 220 200 160 710 mm 1.75 A 0.77 A 0.60 A 2.0 2000 2000 900 275 250 200 850 mm 2.13 A 0.92 A 0.73 A 2.4 2400 2400 1080 330 300 240 990 mm 2.59 A 1.08 A 0.85 A 2.8 2800 2800 1260 385 350 280 1130 mm 3.04 A 1.24 A 0.97 A 3.2 3200 3200 1440 440 400 320 Dimensions 36.9 [1.45] 21.0 [.83] 13.5 [.53] 20.8 [.82] Motion Detector Models ON/OFF Switch Models L25 Models 20.8 [.82] 14 [.55] 32.2 [1.27] 28 [1.10] 21 [.83] 13.5 [.53] 28 [1.10] 7.5 [.30] 4 X M3 X .50 ISO ø 14.7 [.58] 8 [.31] 9.5 [.37] 19 [.75] 30 [1.18] ø 5 [.20] 31.5 [1.24] 10.5 [.41] 30 [1.18] Dimensions are shown with the included SMBWLS28RA bracket. Non-Switch Models IP50 Models IP67/IP69K Models L1 L2 L3 L4 WLS28-2..145X WLS28-2..145S 221 mm (8.7 in) 205 mm (8.1 in) 145 mm (5.71 in) 175 mm (6.9 in) WLS28-2..285X WLS28-2..285S 362 mm (14.3 in) 346 mm (13.6 in) 286 mm (11.26 in) 316 mm (12.4 in) WLS28-2..430X WLS28-2..430S 503 mm (19.8 in) 487 mm (19.2 in) 427 mm (16.81 in) 457 mm (18.0 in) WLS28-2..570X WLS28-2..570S 644 mm (25.4 in) 628 mm (24.7 in) 568 mm (22.36 in) 598 mm (23.5 in) WLS28-2..710X WLS28-2..710S 785 mm (30.9 in) 769 mm (30.3 in) 709 mm (27.91 in) 739 mm (29.1 in) WLS28-2..850X WLS28-2..850S 926 mm (36.5 in) 910 mm (35.8 in) 850 mm (33.46 in) 880 mm (34.6 in) WLS28-2..990X WLS28-2..990S 1067 mm (42 in) 1051 mm (41.4 in) 991 mm (39.02 in) 1021 mm (40.2 in) WLS28-2..1130X WLS28-2..1130S 1208 mm (47.6 in) 1192 mm (46.9 in) 1132 mm (44.57 in) 1162 mm (45.7 in) 1 Lumen values lowered by 25% on diffused window and 25 degree lensed models. WLS28-2 LED Strip Light P/N 175008 Rev. J www.bannerengineering.com - Tel: + 1 888 373 6767 3 |