| Zakładka z wyszukiwarką danych komponentów |
|
TMP6131DECR Arkusz danych(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP6131DECR Arkusz danych(HTML) 31 Page - Texas Instruments |
|
31 / 36 page ![]() www.ti.com PACKAGE OUTLINE C 0.50 0.41 0.05 0.00 0.65 0.1 C A B 2X 0.55 0.45 2X 0.3 0.2 A 1.05 0.95 B 0.65 0.55 4224506/A 08/2018 X1SON - 0.5 mm max height DEC0002A PLASTIC SMALL OUTLINE - NO LEAD PIN 1 INDEX AREA SEATING PLANE 0.03 C 1 2 0.1 C A B SYMM SYMM X0.125) (45 PIN 1 ID NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M 2. This drawing is subject to change without notice. SCALE 11.000 |