| Zakładka z wyszukiwarką danych komponentów |
|
LM2088DFW-C Arkusz danych(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM2088DFW-C Arkusz danych(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
8 / 13 page ![]() TOPWAY LCD Module User Manual LM2088DFW-C URL: www.topwaydisplay.com www.topwaysz.com Document Name: LM2088DFW-C-Manual-Rev0.1 Page: 8 of 13 4.5 Touch screen controller timing diagram Item Symbol MIN. TYP. MAX. Unit Acquisition time(*1) tACQ 1.5 - - us /CS Falling to First DCLK Rising t1 10 - - ns /CS Falling to BUSY Enabled(*2) t2 - - 60 ns /CS Falling to DOUT Enabled t3 - - 60 ns DCLK high pulse width t4 200 - - ns DCLK low pulse width t5 200 - - ns DCLK Falling to BUSY Rising(*2) t6 - - 60 ns Data setup prior to DCLK Rising t7 10 - - ns Data Hold to DCLK hold time t8 10 - - ns Data access time after DCLK falling t9 - - 200 ns /CS Rising to DOUT Disabled t10 0 - - ns /CS Rising to BUSY high impedance(*2) t11 - - 200 ns /CS Rising to DOUT high impedance t12 - - 200 ns NOTE: *1 See Serial Data Sequence Diagram *2 The BUSY signal is not connected to Terminal (K1),after one control byte send via DIN, some delay is needed to read the conversation result through DOUT *3 Please see the AD7843E datasheet for details Timing diagram |