| Zakładka z wyszukiwarką danych komponentów |
|
MXSMCGLCE12ATR Arkusz danych(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
MXSMCGLCE12ATR Arkusz danych(HTML) 2 Page - Microsemi Corporation |
|
2 / 4 page ![]() 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR S C O T T S DA L E D I V I SI ON SMCGLCE6.5 thru SMCGLCE170A, e3 SMCJLCE6.5 thru SMCJLCE170A, e3 Breakdown Voltage VBR @ I(BR) Volts MICROSEMI Part Number Gull-Wing “G” Bend Lead MICROSEMI Part Number Modified “J” Bend Lead Reverse Stand-Off Voltage VWM Volts MIN MAX mA Maximum Reverse Leakage @ VWM ID A Maximum Clamping Voltage @ IPP VC Volts Maximum Peak Pulse Current IPP @10/1000 Amps Maximum Capacitance @ 0 Volts pF VWIB B Working Inverse Blocking Voltage Volts IIB Inverse Blocking Leakage Current mA VPIB Peak Inverse Blocking Voltage Volts SMCGLCE10 SMCGLCE10A SMCGLCE11 SMCGLCE11A SMCJLCE10 SMCJLCE10A SMCJLCE11 SMCJLCE11A 10 10 11 11 11.1 11.1 12.2 12.2 13.6 12.3 14.9 13.5 1 1 1 1 5 5 5 5 18.8 17.0 20.1 18.2 80 88 74 82 100 100 100 100 75 75 75 75 1 1 1 1 100 100 100 100 SMCGLCE12 SMCGLCE12A SMCGLCE13 SMCGLCE13A SMCJLCE12 SMCJLCE12A SMCJLCE13 SMCJLCE13A 12 12 13 13 13.3 13.3 14.4 14.4 16.3 14.7 17.6 15.9 1 1 1 1 5 5 5 5 22.0 19.9 23.8 21.5 68 75 63 70 100 100 100 100 75 75 75 75 1 1 1 1 100 100 100 100 SMCGLCE14 SMCGLCE14A SMCGLCE15 SMCGLCE15A SMCJLCE14 SMCJLCE14A SMCJLCE15 SMCJLCE15A 14 14 15 15 15.6 15.6 16.7 16.7 19.1 17.2 20.4 18.5 1 1 1 1 5 5 5 5 25.8 23.2 26.9 24.4 58 65 56 61 100 100 100 100 75 75 75 75 1 1 1 1 100 100 100 100 SMCGLCE16 SMCGLCE16A SMCGLCE17 SMCGLCE17A SMCJLCE16 SMCJLCE16A SMCJLCE17 SMCJLCE17A 16 16 17 17 17.8 17.8 18.9 18.9 21.8 19.7 23.1 20.9 1 1 1 1 5 5 5 5 28.8 26.0 30.5 27.6 52 57 49 54 100 100 100 100 75 75 75 75 1 1 1 1 100 100 100 100 SMCGLCE18 SMCGLCE18A SMCGLCE20 SMCGLCE20A SMCJLCE18 SMCJLCE18A SMCJLCE20 SMCJLCE20A 18 18 20 20 20.0 20.0 22.2 22.2 24.4 22.1 27.1 24.5 1 1 1 1 5 5 5 5 32.2 29.2 35.8 32.4 45 51 42 46 100 100 100 100 75 75 75 75 1 1 1 1 100 100 100 100 SMCGLCE22 SMCGLCE22A SMCGLCE24 SMCGLCE24A SMCJLCE22 SMCJLCE22A SMCJLCE24 SMCJLCE24A 22 22 24 24 24.4 24.4 26.7 26.7 29.8 26.9 32.6 29.5 1 1 1 1 5 5 5 5 39.4 35.5 43.0 38.9 38 42 35 39 100 100 100 100 75 75 75 75 1 1 1 1 100 100 100 100 SMCGLCE26 SMCGLCE26A SMCGLCE28 SMCGLCE28A SMCJLCE26 SMCJLCE26A SMCJLCE28 SMCJLCE28A 26 26 28 28 28.9 28.9 31.1 31.1 353 31.9 38.0 34.4 1 1 1 1 5 5 5 5 46.6 42.1 50.1 45.5 32 36 30 33 100 100 100 100 75 75 75 75 1 1 1 1 100 100 100 100 SMCGLCE30 SMCGLCE30A SMCGLCE33 SMCGLCE33A SMCJLCE30 SMCJLCE30A SMCJLCE33 SMCJLCE33A 30 30 33 33 33.3 33.3 36.7 36.7 40.7 36.8 44.9 40.6 1 1 1 1 5 5 5 5 53.5 48.4 59.0 53.3 28 31 25.4 28.1 100 100 100 100 75 75 75 75 1 1 1 1 100 100 100 100 SMCGLCE36 SMCGLCE36A SMCGLCE40 SMCGLCE40A SMCJLCE36 SMCJLCE36A SMCJLCE40 SMCJLCE40A 36 36 40 40 40.0 40.0 44.4 44.4 48.9 44.2 54.3 49.1 1 1 1 1 5 5 5 5 64.3 58.1 71.4 64.5 23.3 25.8 21.0 23.3 100 100 100 100 75 75 75 75 1 1 1 1 100 100 100 100 SMCGLCE43 SMCGLCE43A SMCGLCE45 SMCGLCE45A SMCJLCE43 SMCJLCE43A SMCJLCE45 SMCJLCE45A 43 43 45 45 47.8 47.8 50.0 50.0 58.4 52.8 61.1 55.3 1 1 1 1 5 5 5 5 76.7 69.4 80.3 72.7 19.5 21.6 18.7 20.6 100 100 100 100 150 150 150 150 1 1 1 1 200 200 200 200 SMCGLCE48 SMCGLCE48A SMCGLCE51 SMCGLCE51A SMCJLCE48 SMCJLCE48A SMCJLCE51 SMCJLCE51A 48 48 51 51 53.3 53.3 56.7 56.7 65.1 58.9 69.3 62.7 1 1 1 1 5 5 5 5 85.5 77.4 91.1 82.4 17.5 19.4 16.5 18.2 100 100 100 100 150 150 150 150 1 1 1 1 200 200 200 200 SMCGLCE54 SMCGLCE54A SMCGLCE58 SMCGLCE58A SMCJLCE54 SMCJLCE54A SMCJLCE58 SMCJLCE58A 54 54 58 58 60.0 60.0 64.4 64.4 73.3 66.3 78.7 71.2 1 1 1 1 5 5 5 5 96.3 87.1 103 93.6 15.6 17.2 14.6 16.0 100 100 100 100 150 150 150 150 1 1 1 1 200 200 200 200 SMCGLCE60 SMCGLCE60A SMCGLCE64 SMCGLCE64A SMCJLCE60 SMCJLCE60A SMCJLCE64 SMCJLCE64A 60 60 64 64 66.7 66.7 71.1 71.1 81.5 73.7 86.9 78.6 1 1 1 1 5 5 5 5 107 96.8 114 103 14.0 15.5 13.2 14.6 90 90 90 90 150 150 150 150 1 1 1 1 200 200 200 200 SMCGLCE70 SMCGLCE70A SMCGLCE75 SMCGLCE75A SMCJLCE70 SMCJLCE70A SMCJLCE75 SMCJLCE75A 70 70 75 75 77.8 77.8 83.3 83.3 95.1 85.0 102 92.1 1 1 1 1 5 5 5 5 125 113 134 121 12.0 13.3 11.2 12.4 90 90 90 90 150 150 150 150 1 1 1 1 200 200 200 200 SMCGLCE80 SMCGLCE80A SMCGLCE90 SMCGLCE90A SMCJLCE80 SMCJLCE80A SMCJLCE90 SMCJLCE90A 80 80 90 90 88.7 88.7 100 100 108 98.0 122 111 1 1 1 1 5 5 5 5 142 129 160 146 10.6 11.6 9.4 10.3 90 90 90 90 150 150 300 300 1 1 1 1 200 200 200 200 SMCGLCE100 SMCGLCE100A SMCGLCE110 SMCGLCE110A SMCJLCE100 SMCJLCE100A SMCJLCE110 SMCJLCE110A 100 100 110 110 111 111 122 122 136 123 149 135 1 1 1 1 5 5 5 5 179 162 196 178 8.4 9.3 7.7 8.4 90 90 90 90 300 300 300 300 1 1 1 1 200 200 400 400 SMCGLCE120 SMCGLCE120A SMCGLCE130 SMCGLCE130A SMCJLCE120 SMCJLCE120A SMCJLCE130 SMCJLCE130A 120 120 130 130 133 133 144 144 163 147 176 159 1 1 1 1 5 5 5 5 214 193 231 209 7.0 7.8 6.5 7.2 90 90 90 90 300 300 300 300 1 1 1 1 400 400 400 400 SMCGLCE150 SMCGLCE150A SMCGLCE160 SMCGLCE160A SMCJLCE150 SMCJLCE150A SMCJLCE160 SMCJLCE160A 150 150 160 160 167 167 178 178 204 185 218 197 1 1 1 1 5 5 5 5 268 243 287 259 5.6 6.2 5.2 5.8 90 90 90 90 300 300 300 300 1 1 1 1 400 400 400 400 SMCGLCE170 SMCGLCE170A SMCJLCE170 SMCJLCE170A 170 170 189 189 231 209 1 1 5 5 304 275 4.9 5.4 90 90 300 300 1 1 400 400 NOTE 1: TVS are normally selected according to the reverse “Stand Off Voltage” (VWM) which should be equal to or greater than the dc or continuous peak operating voltage level. Microsemi Scottsdale Division Page 2 Copyright 2005 6-06-2005 REV D 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 |