| Zakładka z wyszukiwarką danych komponentów |
|
DB3 Arkusz danych(PDF) 2 Page - First Silicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
DB3 Arkusz danych(HTML) 2 Page - First Silicon Co., Ltd |
|
2 / 3 page ![]() 2011. 11. 23 2/3 Revision No : 0 DB3 , DB4 , DC34 s l o b m y s S r e t e m a r a s P n o it i d n o C t s e T e u l a V s ti n U 3 B D 4 3 C D 4 B D V O B * e g a tl o v r e v o k a e r 2 B 2 = C n * * F 1 m a r g a i d e e s . N I M 8 2 0 3 5 3 s tl o V . P Y T 2 3 4 3 0 4 . X A M 6 3 8 3 5 4 V + I[ O B V -I -I O B ] y I rt e m m y s e g a tl o v r e v o k a e r 2 B 2 = C n * * F 1 m a r g a i d e e s . X A M 3 s tl o V I∆V+ * I e g a tl o v r e v o k a e r b c i m a n y D ∆ I[ = I O B I o t F ] A m 0 1 = 1 m a r g a i d e e s . N I M 5 s tl o V V O * e g a tl o v t u p t u 2 O m a r g a i d e e s . N I M 5 s tl o V I O B * t n e rr u c r e v o k a e r 2 B 2 = C n * * F . X A M 0 0 1 0 5 0 0 1 uA rt * e m it e s i 3 R m a r g a i d e e s . P Y 5 T . 1 us I B * t n e rr u c e g a k a e V L B V 5 . 0 = O B x a m 1 m a r g a i d e e s . X A M 0 1 uA s c it s ir e t c a r a h C l a c ir t c e l E T ( j 5 2 = o ) C * Electrical characteristic applicable in both forward and reverse directions. ** Connected in parallel with the devices. |